Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC16652 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC16652
Description  16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16652 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC16652 Datasheet HTML 1Page - Texas Instruments SN74LVC16652 Datasheet HTML 2Page - Texas Instruments SN74LVC16652 Datasheet HTML 3Page - Texas Instruments SN74LVC16652 Datasheet HTML 4Page - Texas Instruments SN74LVC16652 Datasheet HTML 5Page - Texas Instruments SN74LVC16652 Datasheet HTML 6Page - Texas Instruments SN74LVC16652 Datasheet HTML 7Page - Texas Instruments SN74LVC16652 Datasheet HTML 8Page - Texas Instruments SN74LVC16652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74LVC16652
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS319B – NOVEMBER 1993 – REVISED JULY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Data on the A or B bus, or both, can be stored in the internal D flip-flops by low-to-high transitions at the
appropriate clock (CLKAB or CLKBA) inputs regardless of the levels on the select-control or output-enable
inputs. When SAB and SBA are in the real-time transfer mode, it is also possible to store data without using the
internal D-type flip-flops by simultaneously enabling OEAB and OEBA. In this configuration, each output
reinforces its input. When all other data sources to the two sets of bus lines are at high impedance, each set
of bus lines remains at its last level configuration.
To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a
pullup resistor and OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor
is determined by the current-sinking/current-sourcing capability of the driver.
Active bus-hold circuitry holds unused or floating data inputs at a valid logic level.
The SN74LVC16652 is characterized for operation from – 40
°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com