Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HES10 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HES10
Description  AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES10 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HES10 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-7-
H HiTRON
AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER
UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS
SWITCHING POWER SUPPLIES HES10 & HES10B SERIES
FEATURES:
UNIVERSAL INPUT
WALLMOUNT OR DESKTOP ADAPTER
DIVERSE AC PLUG AVAILABLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN55022/FCC CLASS B
CE MARKING COMPLIANCE
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 10-12Watts typical.
Output Connector: Optional.
Line Regulation: 0.1% typical.
Load Regulation for HES10 and HES10B Single O/P:
±1.5-3.0% typical.
Load Regulation for HES10 Series Dual O/P:
Main O/P VO1 ±1.5-3.0% typical.
Aux. O/P VO2 ±3.0-5.0% typical.
Noise & Ripple: 1.0% typical peak to peak.
OVP: Built-in, Zener diode clamp.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage For HES10 Series: 90-264Vac typical.
Input Voltage For HES10B Series: 90-132Vac typical.
Input Connector for HES10 Series:
Wallmount Format: WM0,1,2 (USA/Japan)/ WM3 (Euro-stecker)/
WM4 (Schuko-stecker)/ WM5(UK)/WM6, 6G(Australia).
Desktop Format: IEC320 Inlet Type DT7-3P or DT8-2P.
Mouse Power Pig-Tail: PT1/2/3/4/5/6/7.
Input Connector for HES10B Series: WM1 (USA/Japan) only.
Input Frequency: 47-63Hz.
Inrush Current: 48A @230Vac or 27.8A @230Vac typical
by adding thermister.
Input Current: 0.3A@115Vac/0.10A@230Vac typical.
Dielectric Withstand: Meet IEC60950.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 15mS @115Vac or 60mS @230Vac typical.
GENERAL SPECIFICATION
Efficiency: 70-75% typical.
Switching Frequency: HES10 approximate 40-50K Hz.
HES10B approximate 50-200K Hz.
Circuit Topology: Fixed Frequency Flyback ckt. for HES10 series.
Free Running Flyback ckt. for HES10B series.
Transient Response: Output voltage returns in less than 3mS
following a 25% load change.
Power Density: 1.3-1.56Watts / Cubic inch.
Operating Temperature: 0 to +25/35/40°C
without derating. (various with output voltage)
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: 0.04% /°C.
Cooling: Free air convection.
Construction: Impact resistant thermo- plastic enclosure case.
Construction: Wallmount or Desktop Format.
Safety Standard: Meet UL1950/EN60950, Class II.
Class I available for WM2,5,6G /DT7/PT2,4,5,7.
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (
±%).
(3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
(4) Due to requests in market and advances in technology, specifications subject to change without notice.
For the details of safety approval, please consult the factory.


Similar Part No. - HES10

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES100 HITRON-HES100 Datasheet
319Kb / 2P
AUTO-RANGING INPUT AC TO DC EXTERNAL DESKTOP ADAPTER MULTIPLE OUTPUT 100-120 WATTS SWITCHING POWER SUPPLIES
HES100-11 HITRON-HES100-11 Datasheet
319Kb / 2P
AUTO-RANGING INPUT AC TO DC EXTERNAL DESKTOP ADAPTER MULTIPLE OUTPUT 100-120 WATTS SWITCHING POWER SUPPLIES
HES100-12 HITRON-HES100-12 Datasheet
319Kb / 2P
AUTO-RANGING INPUT AC TO DC EXTERNAL DESKTOP ADAPTER MULTIPLE OUTPUT 100-120 WATTS SWITCHING POWER SUPPLIES
HES100-13 HITRON-HES100-13 Datasheet
319Kb / 2P
AUTO-RANGING INPUT AC TO DC EXTERNAL DESKTOP ADAPTER MULTIPLE OUTPUT 100-120 WATTS SWITCHING POWER SUPPLIES
HES100-21 HITRON-HES100-21 Datasheet
319Kb / 2P
AUTO-RANGING INPUT AC TO DC EXTERNAL DESKTOP ADAPTER MULTIPLE OUTPUT 100-120 WATTS SWITCHING POWER SUPPLIES
More results

Similar Description - HES10

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES10 TOTAL-POWER-TPES10 Datasheet
696Kb / 4P
UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
logo
HITRON ELECTRONICS CORP...
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES16B HITRON-HES16B Datasheet
256Kb / 2P
AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com