Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HES10 Datasheet(PDF) 4 Page - HITRON ELECTRONICS CORPORTION

Part # HES10
Description  AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES10 Datasheet(HTML) 4 Page - HITRON ELECTRONICS CORPORTION

  HES10 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-10-
MECHANICAL DIMENSIONS: MM [INCHES]
HES10/WM: 168.0g (5.93Oz.)
HES10/DT: 232.0g (8.18Oz.)
HES10/PT: 210.0g (7.41Oz.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com