Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HES10 Datasheet(PDF) 3 Page - HITRON ELECTRONICS CORPORTION

Part # HES10
Description  AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES10 Datasheet(HTML) 3 Page - HITRON ELECTRONICS CORPORTION

  HES10 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
-9-
DUAL OUTPUT (Model No. for examples. )
MAIN O/P VO1
AUX. O/P VO2†
MODEL NO.
AC INPUT AC PLUG
VOLT.
TYP.
VOLT.
TYP.
FORMAT
HES10-03310-A-1
90-264Vac
WM1
+3.3Vdc
1.0A
+ 5.0Vdc
0.6A
Wallmount
HES10-05010-B-3
90-264Vac
WM3
+5.0Vdc
1.0A
+12.0Vdc
0.3A
Wallmount
HES10-05209-C-5
90-264Vac
WM5
+5.2Vdc
0.9A
+15.0Vdc
0.2A
Wallmount
HES10-06008-D-6
90-264Vac
WM6
+6.0Vdc
0.8A
+18.0Vdc
0.2A
Wallmount
HES10-09007-E-7
90-264Vac
DT7
+9.0Vdc
0.7A
+24.0Vdc
0.1A
Desktop
HES10-12006-F-A
90-264Vac
PT1
+12.0Vdc
0.6A
-5.0Vdc
0.6A
Mouse PT
HES10-13505-G-B
90-264Vac
PT2
+13.5Vdc
0.5A
-12.0Vdc
0.3A
Mouse PT
HES10-15004-H-C
90-264Vac
PT3
+15.0Vdc
0.4A
-15.0Vdc
0.2A
Mouse PT
HES10-18004-I-E
90-264Vac
PT5
+18.0Vdc
0.4A
-18.0Vdc
0.2A
Mouse PT
HES10-20004-J-G
90-264Vac
PT7
+20.0Vdc
0.4A
-24.0Vdc
0.1A
Mouse PT
HES10B SERIES
MODEL NO. DESCRIPTION: HES10B – X X X YYY – 0 – S
[1] ONLY FOR WM1 AC PLUG
[0] FOR SINGLE OUTPUT ONLY
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (HiTRON External Switcher) : About 10W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.0Vdc ≤ Any voltage < 9.0Vdc
3.0-5.0V/2.0A, 5.1-5.3V/1.9A, 5.4-5.6V/1.8A,
5.7-5.9V/1.7A, 6.0-6.3V/1.6A, 6.4V-6.7V/1.5A,
6.8-7.2V/1.4A, 7.3-7.7V/1.3A, 7.8-8.4V/1.2A,
8.5-8.9V/1.1A.
9.0Vdc ≤ Any voltage ≤ 30.0Vdc
9.0-12.0V/1.0A, 12.1-13.3V/0.9A, 13.4-15.0V/0.8A,
15.1-17.1V /0.7A, 17.2-20.0V/0.6A, 20.1-24.0V/0.5A,
24.1-30.0V/0.4A.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for examples)
MODEL NO.
AC INPUT
AC PLUG
O/P VOLTAGE
O/P CURRENT
FORMAT
HES10B-03320-0-1
90-132Vac
WM1
3.3Vdc
2.0A
Wallmount
HES10B-05020-0-1
90-132Vac
WM1
5.0Vdc
2.0A
Wallmount
HES10B-06316-0-1
90-132Vac
WM1
6.3Vdc
1.6A
Wallmount
HES10B-07014-0-1
90-132Vac
WM1
7.0Vdc
1.4A
Wallmount
HES10B-09510-0-1
90-132Vac
WM1
9.5Vdc
1.0A
Wallmount
HES10B-12010-0-1
90-132Vac
WM1
12.0Vdc
1.0A
Wallmount
HES10B-15008-0-1
90-132Vac
WM1
15.0Vdc
0.8A
Wallmount
HES10B-18006-0-1
90-132Vac
WM1
18.0Vdc
0.6A
Wallmount
HES10B-24005-0-1
90-132Vac
WM1
24.0Vdc
0.5A
Wallmount
HES10B-30004-0-1
90-132Vac
WM1
30.0Vdc
0.4A
Wallmount



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com