Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HES10 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HES10
Description  AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HES10 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HES10 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HES10 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-8-
HES10 SERIES
MODEL NO. DESCRIPTION: HES10 – X X X YY – N – S
SINGLE OUTPUT: [0] for no Aux. O/P.
DUAL AUX. O/P SET:[A]+5V, [B]+12V, [C]+15V,
[D]+18V, [E]+24V, [F]-5V,
[G]-12V, [H]-15V, [I]-18V,[J]-24V
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (HiTRON External Switcher): About 10W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE (Vdc)
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.3 Vdc ≤ Any Voltage ≤ 12.0Vdc
3.3V/2.5A, 3.4-5.0V/2.0A, 5.1-5.9V/1.9-1.7A, 6.0-6.3V/ 1.6A,
6.4-6.7V/1.6-1.5A, 6.8-7.2V/1.4A, 7.4-7.7V/1.3A, 7.8-8.4V/1.2A,
8.5-8.9V/1.1A, 9.0-12V/1.0A.
Special: 6.0-6.5V/2.0A
12.0Vdc < Any Voltage ≤ 24.0Vdc
12.1-13.3V/0.9A, 13.4-15.0V/0.8A, 15.1-17.1V/0.7A,
17.2-20.0V /0.6A, 20.1-24.0V/0.5A. Max. Output: 12.0 W.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
SINGLE OUTPUT (Model No. for examples. )
MODEL NO.
AC INPUT
AC PLUG
O/P VOLTAGE
O/P CURRENT
FORMAT
HES10-03325-0-1
90-264Vac
WM1
3.3Vdc
2.5A
Wallmount
HES10-03420-0-3
90-264Vac
WM3
3.4Vdc
2.0A
Wallmount
HES10-05020-0-5
90-264Vac
WM5
5.0Vdc
2.0A
Wallmount
HES10-06016-0-6
90-264Vac
WM6
6.0Vdc
1.6A
Wallmount
HES10-12010-0-0
90-264Vac
WM0
12.0Vdc
1.0A
Wallmount
HES10-07014-0-7
90-264Vac
DT7
7.0Vdc
1.4A
Desktop
HES10-08511-0-8
90-264Vac
DT8
8.5Vdc
1.1A
Desktop
HES10-09010-0-A
90-264Vac
PT1
9.0Vdc
1.0A
Mouse-PT
HES10-10010-0-B
90-264Vac
PT2
10.0Vdc
1.0A
Mouse-PT
HES10-12010-0-C
90-264Vac
PT3
12.0Vdc
1.0A
Mouse-PT
HES10-13808-0-D
90-264Vac
PT4
13.8Vdc
0.8A
Mouse-PT
HES10-15008-0-E
90-264Vac
PT5
15.0Vdc
0.8A
Mouse-PT
HES10-16007-0-F
90-264Vac
PT6
16.0Vdc
0.7A
Mouse-PT
HES10-18006-0-G
90-264Vac
PT7
18.0Vdc
0.6A
Mouse-PT
HES10-06020-0-0
90-264Vac
WM0
6.0Vdc
2.0A
Wallmount
HES10-06020-0-1
90-264Vac
WM1
6.0Vdc
2.0A
Wallmount
HES10-24005-0-2
90-264Vac
WM2
24.0Vdc
0.5A
Wallmount
DUAL OUTPUT V/A CHART
OUTPUT RAIL
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
Main O/P VO1
5.0V/1.0A, 5.1-5.9V/0.9A, 6.0-7.5V/0.8A, 7.6-9.0V/0.7A,
9.1-12.0V/0.6A, 12.1-14.0V/0.5A, 14.1-20.0V/0.4A.
Aux. O/P ±VO2 =
5V/0.6A, 12V/0.3A, 15V/0.2A, 18V/0.2A, 24V/0.1A.
Note: Refer to the upper Chart or specify the V/A ratings and consult factory for the exact Model No.
AC PLUG TYPE:
[0] WM0 (Fold-out ), [1] WM1, [2]WM2, [3]WM3,
[4] WM4, [5] WM5, [6] WM6, [6G] WM6G
[7] DT7 (IEC320 3-pin or 3L-pin),
[8] DT8 (IEC320 2-pin).
[A] PT1, [B] PT2, [C] PT3, [D] PT4
[E] PT5, [F] PT6, [G] PT7,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com