Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4052CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4052CD
Description  70-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4052CD Datasheet HTML 3Page - Texas Instruments THS4052CD Datasheet HTML 4Page - Texas Instruments THS4052CD Datasheet HTML 5Page - Texas Instruments THS4052CD Datasheet HTML 6Page - Texas Instruments THS4052CD Datasheet HTML 7Page - Texas Instruments THS4052CD Datasheet HTML 8Page - Texas Instruments THS4052CD Datasheet HTML 9Page - Texas Instruments THS4052CD Datasheet HTML 10Page - Texas Instruments THS4052CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = full range, VCC = ±15 V, RL = 1 kΩ (unless otherwise noted)
noise/distortion performance
PARAMETER
TEST CONDITIONS†
THS4051M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V
RL = 150 Ω
–82
THD
Total harmonic distortion
VO(pp) = 2 V,
f
1 MHz
Gain
2
VCC = ±15 V
RL = 1 kΩ
–89
dBc
THD
Total harmonic distortion
f = 1 MHz,
Gain = 2,
TA = 25°C
VCC = ±5V
RL = 150 Ω
–78
dBc
TA = 25 C
VCC = ±5 V
RL = 1 kΩ
–87
Vn
Input voltage noise
VCC = ±5 V or ±15 V,
TA = 25°C
f = 10 kHz,
RL = 150 Ω
14
nV/
√Hz
In
Input current noise
VCC = ±5 V or ±15 V,
TA = 25°C
f = 10 kHz,
RL = 150 Ω
0.9
pA/
√Hz
Differential gain error
Gain = 2,
40 IRE modulation
NTSC,
±100 IRE ramp
VCC = ±15 V
0.01%
Differential gain error
40 IRE modulation,
TA = 25°C,
±100 IRE ramp,
RL = 150 Ω
VCC = ±5 V
0.01%
Differential phase error
Gain = 2,
40 IRE modulation
NTSC,
±100 IRE ramp
VCC = ±15 V
0.01
°
Differential phase error
40 IRE modulation,
TA = 25°C,
±100 IRE ramp,
RL = 150 Ω
VCC = ±5 V
0.03
°
† Full range = –55
°C to 125°C for the THS4051M.
dc performance
PARAMETER
TEST CONDITIONS†
THS4051M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VCC = ±15 V VO = ±10 V
TA = 25°C
5
9
V/mV
Open loop gain
VCC = ±15 V, VO = ±10 V
TA = full range
3
V/mV
Open loop gain
VCC = ±5V VO = ±25 V
TA = 25°C
2.5
6
V/mV
VCC = ±5 V, VO = ±2.5 V
TA = full range
2
V/mV
VIO
Input offset voltage
VCC = ±5Vor ±15 V
TA = 25°C
2.5
10
mV
VIO
Input offset voltage
VCC = ±5 V or ±15 V
TA = full range
13
mV
Offset voltage drift
VCC = ±5 V or ±15 V
TA = full range
15
µV/°C
IIB
Input bias current
VCC = ±5Vor ±15 V
TA = 25°C
2.5
6
µA
IIB
Input bias current
VCC = ±5 V or ±15 V
TA = full range
8
µA
IIO
Input offset current
VCC = ±5Vor ±15 V
TA = 25°C
35
250
nA
IIO
Input offset current
VCC = ±5 V or ±15 V
TA = full range
400
nA
Offset current drift
TA = full range
0.3
nA/
°C
† Full range = –55
°C to 125°C for the THS4051M.
input characteristics
PARAMETER
TEST CONDITIONS†
THS4051M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VICR
Common mode input voltage range
VCC = ±15 V
±13.8 ±14.3
V
VICR
Common-mode input voltage range
VCC = ±5 V
±3.8
±4.3
V
CMRR
Common mode rejection ratio
VCC = ±15 V,
VICR = ±12 V
TA = full range
70
100
dB
CMRR
Common mode rejection ratio
VCC = ±5 V,
VICR = ±2.5 V
TA = full range
70
100
dB
ri
Input resistance
1
M
Ω
Ci
Input capacitance
1.5
pF
† Full range = –55
°C to 125°C for the THS4051M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com