Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4052CD Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS4052CD
Description  70-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052CD Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS4052CD Datasheet HTML 22Page - Texas Instruments THS4052CD Datasheet HTML 23Page - Texas Instruments THS4052CD Datasheet HTML 24Page - Texas Instruments THS4052CD Datasheet HTML 25Page - Texas Instruments THS4052CD Datasheet HTML 26Page - Texas Instruments THS4052CD Datasheet HTML 27Page - Texas Instruments THS4052CD Datasheet HTML 28Page - Texas Instruments THS4052CD Datasheet HTML 29Page - Texas Instruments THS4052CD Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
DGN (S-PDSO-G8)
PowerPAD
™ PLASTIC SMALL-OUTLINE PACKAGE
0,69
0,41
0,25
Thermal Pad
(See Note D)
0,15 NOM
Gage Plane
4073271/A 01/98
4,98
0,25
5
3,05
4,78
2,95
8
4
3,05
2,95
1
0,38
0,15
0,05
1,07 MAX
Seating Plane
0,10
0,65
M
0,25
0
°–6°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions include mold flash or protrusions.
D. The package thermal performance may be enhanced by attaching an external heat sink to the thermal pad. This pad is electrically
and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MO-187
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com