Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4052CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4052CD
Description  70-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4052CD Datasheet HTML 8Page - Texas Instruments THS4052CD Datasheet HTML 9Page - Texas Instruments THS4052CD Datasheet HTML 10Page - Texas Instruments THS4052CD Datasheet HTML 11Page - Texas Instruments THS4052CD Datasheet HTML 12Page - Texas Instruments THS4052CD Datasheet HTML 13Page - Texas Instruments THS4052CD Datasheet HTML 14Page - Texas Instruments THS4052CD Datasheet HTML 15Page - Texas Instruments THS4052CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 29
0
1
2
3
4
5
6
7
8
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ±15 V
Gain = 2
RL = 2.7 k Ω
VO(PP) = 125 mV
RL = 150 Ω
RL = 1 kΩ
CL= 10 pF
Figure 30
–6
–5
–4
–3
–2
–1
0
1
2
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ± 15 V
Gain = –1
RL = 150 Ω
VO(PP) = 62 mV
RF = 5.6 kΩ
RF = 3.9 kΩ
RF = 1 kΩ
Figure 31
–6
–5
–4
–3
–2
–1
0
1
2
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VCC = ± 5 V
Gain = –1
RL = 150 Ω
VO(PP) = 62 mV
RF = 5.6 kΩ
RF = 3.9 kΩ
RF = 1 kΩ
Figure 32
–30
–25
–20
–15
–10
–5
0
5
10
OUTPUT AMPLITUDE
vs
FREQUENCY
f - Frequency - Hz
100M
10M
100k
1M
VO(PP)=2.25 V
VO(PP)=0.4 V
VO(PP)=125 mV
VCC = ± 15 V
Gain = 2
RF = 2.7 kΩ
RL = 150 Ω
Figure 33
20
40
60
80
100
120
140
160
180
12345
SETTING TIME
vs
OUTPUT STEP
VO - Output Step Voltage - V
VCC = ± 15 V
0.1%
VCC = ± 15 V
0.01%
VCC = ± 5 V
0.01%
VCC = ± 5 V
0.1%
RF = 360 Ω
Figure 34
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.06
0.04
12
3
4
Number of 150-
Ω Loads
0.02
0
0.08
0.10
0.12
Gain = 2
40 IRE-NTSC Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V
Figure 35
DIFFERENTIAL GAIN
vs
NUMBER OF 150-
Ω LOADS
0.12
0.08
12
3
4
Number of 150-
Ω Loads
0.04
0
0.16
0.2
Gain = 2
40 IRE-PAL Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V
Figure 36
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.4
°
0.3
°
0.2
°
12
3
4
Number of 150-
Ω Loads
0.1
°
0
°
0.5
°
Gain = 2
RF = 1 kΩ
40 IRE-NTSC Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V
Figure 37
DIFFERENTIAL PHASE
vs
NUMBER OF 150-
Ω LOADS
0.4
°
0.3
°
0.2
°
12
3
4
Number of 150-
Ω Loads
0.1
°
0
°
0.6
°
0.5
°
Gain = 2
40 IRE-PAL Modulation
Worst Case
± 100 IRE Ramp
VCC = ± 15 V
VCC = ± 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com