Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4052CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4052CD
Description  70-MHz HIGH-SPEED AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4052CD Datasheet(HTML) 3 Page - Texas Instruments

  THS4052CD Datasheet HTML 1Page - Texas Instruments THS4052CD Datasheet HTML 2Page - Texas Instruments THS4052CD Datasheet HTML 3Page - Texas Instruments THS4052CD Datasheet HTML 4Page - Texas Instruments THS4052CD Datasheet HTML 5Page - Texas Instruments THS4052CD Datasheet HTML 6Page - Texas Instruments THS4052CD Datasheet HTML 7Page - Texas Instruments THS4052CD Datasheet HTML 8Page - Texas Instruments THS4052CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
THS4051, THS4052
70-MHz HIGH-SPEED AMPLIFIERS
SLOS238C– MAY 1999 – REVISED MAY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VCC
±16.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VIO
±4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA: C-suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I-suffix
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M-suffix
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds, JG package
300
°C
. . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds, FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
θJA
θJC
TA = 25°C
PACKAGE
JA
(
°C/W)
JC
(
°C/W)
A
POWER RATING
D
167‡
38.3
740 mW
DGN§
58.4
4.7
2.14 W
JG
119
28
1050 mW
FK
87.7
20
1375 mW
‡ This data was taken using the JEDEC standard Low-K test PCB. For the JEDEC Proposed High-K
test PCB, the
θJA is 95°C/W with a power rating at TA = 25°C of 1.32 W.
§ This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3 in.
× 3 in. PC.
For further information, refer to
Application Information section of this data sheet.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage VCC and VCC
Dual supply
±4.5
±16
V
Supply voltage, VCC+ and VCC–
Single supply
9
32
V
C-suffix
0
70
Operating free-air temperature, TA
I-suffix
–40
85
°C
M-suffix
–55
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com