Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACD Datasheet(HTML) 4 Page - Texas Instruments

  TL082ACD Datasheet HTML 1Page - Texas Instruments TL082ACD Datasheet HTML 2Page - Texas Instruments TL082ACD Datasheet HTML 3Page - Texas Instruments TL082ACD Datasheet HTML 4Page - Texas Instruments TL082ACD Datasheet HTML 5Page - Texas Instruments TL082ACD Datasheet HTML 6Page - Texas Instruments TL082ACD Datasheet HTML 7Page - Texas Instruments TL082ACD Datasheet HTML 8Page - Texas Instruments TL082ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TL082Y
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251–1443
4
chip information
These chips, when properly assembled, display characteristics similar to the TL082. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
PIN (4) INTERNALLY CONNECTED
TO BACKSIDE OF CHIP
+
–
2 OUT
1 IN +
1 IN –
VCC+
(8)
(6)
(3)
(2)
(5)
(1)
–
+
(7)
2 IN +
2 IN –
1 OUT
(4)
VCC –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com