Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL082ACD Datasheet HTML 4Page - Texas Instruments TL082ACD Datasheet HTML 5Page - Texas Instruments TL082ACD Datasheet HTML 6Page - Texas Instruments TL082ACD Datasheet HTML 7Page - Texas Instruments TL082ACD Datasheet HTML 8Page - Texas Instruments TL082ACD Datasheet HTML 9Page - Texas Instruments TL082ACD Datasheet HTML 10Page - Texas Instruments TL082ACD Datasheet HTML 11Page - Texas Instruments TL082ACD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TL081M, TL082M, TL084M
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
8
electrical characteristics, VCC ±= ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL081M, TL082M
TL084M
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0 RS =50 Ω
TA = 25°C
3
6
3
9
mV
VIO
Input offset voltage
VO = 0, RS = 50 Ω
TA = – 55°C to 125°C
9
15
mV
αVIO
Temperature
coefficient of input
offset voltage
VO = 0,
TA = – 55°C to 125°C
RS= 50 Ω,
18
18
µV/°C
IIO
Input offset current‡
VO =0
TA = 25°C
5
100
5
100
pA
IIO
Input offset current‡
VO = 0
TA = 125°C
20
20
nA
IIB
Input bias current‡
VO =0
TA = 25°C
30
200
30
200
pA
IIB
Input bias current‡
VO = 0
TA = 125°C
50
50
nA
VICR
Common-mode
input voltage range
TA = 25 °C
±11
±12
to
15
±11
± 12
to
15
V
V
Maximum peak
TA = 25 °C,
RL = 10 kΩ
±12
±13.5
±12
±13.5
V
VOM
Maximum peak
output voltage
i
TA =– 55°Cto125°C
RL ≥ 10 kΩ
±12
±12
V
OM
swing
TA = – 55°C to 125°C
RL ≥ 2 kΩ
±10
±12
±10
±12
AVD
Large-signal
differential voltage
VO = ± 10 V,
TA = 25°C
RL ≥ 2 kΩ,
25
200
25
200
V/mV
AVD
differential voltage
amplification
VO = ± 10 V,
TA = – 55°C to 125°C
RL ≥ 2 kΩ,
15
15
V/mV
B1
Unity-gain
bandwidth
TA = 25 °C
3
3
MHz
ri
Input resistance
TA = 25 ° C
1012
1012
Ω
CMRR
Common-mode
rejection ratio
VIC = VICR min,
RS = 50 Ω,
VO = 0,
TA = 25°C
80
86
80
86
dB
kSVR
Supply voltage
rejection ratio
(
∆VCC±/∆VIO)
VCC = ± 15 V to ± 9 V,
RS = 50 Ω,
VO = 0,
TA = 25°C
80
86
80
86
dB
ICC
Supply current
(per amplifier)
No load,
VO = 0, TA = 25°C
1.4
2.8
1.4
2.8
mA
V01/V02
Crosstalk
attenuation
AVD = 100,
TA = 25°C
120
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in
Figure 18. Pulse techniques must be used that will maintain the junction temperatures as close to the ambient temperature as is possible.
operating characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V,
CL = 100 pF,
RL = 2 kΩ,
See Figure 1
8∗
13
V/
µs
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
TA = – 55 ° C to 125 ° C,
CL = 100 pF,
See Figure 1
5∗
V/
µs
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
0.05
µs
Overshoot factor
CL = 100 pF,
See Figure 1
20%
Vn
Equivalent input noise voltage
RS = 100 Ω
f = 1 kHz
18
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 100 Ω
f = 10 Hz to 10 kHz
4
µV
In
Equivalent input noise current
RS = 100 Ω,
f = 1 kHz
0.01
pA/
√Hz
THD
Total harmonic distortion
VO(rms) = 10 V,
f = 1 kHz
RS ≤ 1 kΩ,
RL ≥ 2 kΩ,
0.003%
∗On products compliant to MIL-STD-883, Class B, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com