Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACD Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL082ACD Datasheet HTML 11Page - Texas Instruments TL082ACD Datasheet HTML 12Page - Texas Instruments TL082ACD Datasheet HTML 13Page - Texas Instruments TL082ACD Datasheet HTML 14Page - Texas Instruments TL082ACD Datasheet HTML 15Page - Texas Instruments TL082ACD Datasheet HTML 16Page - Texas Instruments TL082ACD Datasheet HTML 17Page - Texas Instruments TL082ACD Datasheet HTML 18Page - Texas Instruments TL082ACD Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
16
TYPICAL APPLICATION DATA
–15 V
+15 V
Output
1 k
Ω
9.1 k
Ω
3.3 k
Ω
CF = 3.3 µF
RF = 100 kΩ
3.3 k
Ω
R1
C1
C2
R3
C3
VCC –
VCC +
TL081
Output
Input
TL081
R2
R1 = R2 = 2(R3) = 1.5 M
Ω
fo =
2
π R1 C1
1
= 1 kHz
f =
2
π RF CF
1
C1 = C2 =
= 110 pF
C3
2
Figure 24. 0.5-Hz Square-Wave Oscillator
Figure 25. High-Q Notch Filter
Input
TL084
Output C
VCC +
VCC +
Output B
TL084
VCC +
Output A
TL084
VCC +
TL084
VCC +
100 k
Ω
100
µF
1
µF
1 M
Ω
100 k
Ω
100 k
Ω
100 k
Ω
Figure 26. Audio Distribution Amplifier
88.4 k
Ω
18 pF
VCC +
VCC –
18 pF
18 pF
88.4 k
Ω
88.4 k
Ω
1N4148
1N4148
VCC –
VCC+
1 k
Ω
– 15 V
6 cos
ωt
15 V
18 k
Ω
(see Note A)
1 k
Ω
6 sin
ωt
1/2
TL082
1/2
TL082
18 k
Ω
(see Note A)
NOTE A: These resistor values may be adjusted for a symmetrical output.
Figure 27. 100-KHz Quadrature Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com