Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL082ACD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082ACD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL082ACD Datasheet HTML 7Page - Texas Instruments TL082ACD Datasheet HTML 8Page - Texas Instruments TL082ACD Datasheet HTML 9Page - Texas Instruments TL082ACD Datasheet HTML 10Page - Texas Instruments TL082ACD Datasheet HTML 11Page - Texas Instruments TL082ACD Datasheet HTML 12Page - Texas Instruments TL082ACD Datasheet HTML 13Page - Texas Instruments TL082ACD Datasheet HTML 14Page - Texas Instruments TL082ACD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
11
TYPICAL CHARACTERISTICS†
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
±15
±12.5
±10
±7.5
±5
±2.5
0
f – Frequency – Hz
100
1 k
10 k
100 k
1 M
10 M
RL = 10 kΩ
TA = 25°C
See Figure 2
VCC
± = ±15 V
VCC
± = ±10 V
VCC
± = ±5 V
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VCC
± = ±5 V
VCC
± = ±10 V
VCC
± = ±15 V
RL = 2 kΩ
TA = 25°C
±15
±12.5
±10
±7.5
±5
±2.5
0
f – Frequency – Hz
100
1 k
10 k
1 M
10 M
See Figure 2
100 k
Figure 6
Figure 7
0
±2.5
±5
±7.5
±10
±12.5
±15
10 k
40 k 100 k
400 k
1 M
4 M
10 M
VCC
± = ±15 V
RL = 2 kΩ
See Figure 2
TA = – 55°C
TA = 25°C
TA = 125°C
f – Frequency – Hz
MAXIMUM PEAK OUTPUT VOLTAGE‡
vs
FREQUENCY
±12.5
±10
±7.5
±5
±2.5
MAXIMUM PEAK OUTPUT VOLTAGE§
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
±15
0
RL = 10 kΩ
RL = 2 kΩ
VCC
± = ±15 V
See Figure 2
TA – Free-Air Temperature – °C
Figure 8
Figure 9
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. A 12-pF
compensation capacitor is used with TL080.
‡ The –55
°C curve and the 125°C curve apply only to the M version.
§ The temperature range of the C version is 0
°C to 75°C, the I version is –40°C to 85°C, and the M version is –55°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com