Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5632C Datasheet(PDF) 5 Page - Texas Instruments

Part # TL5632C
Description  8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5632C Datasheet(HTML) 5 Page - Texas Instruments

  TL5632C Datasheet HTML 1Page - Texas Instruments TL5632C Datasheet HTML 2Page - Texas Instruments TL5632C Datasheet HTML 3Page - Texas Instruments TL5632C Datasheet HTML 4Page - Texas Instruments TL5632C Datasheet HTML 5Page - Texas Instruments TL5632C Datasheet HTML 6Page - Texas Instruments TL5632C Datasheet HTML 7Page - Texas Instruments TL5632C Datasheet HTML 8Page - Texas Instruments TL5632C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TL5632C
8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
SLAS091 – DECEMBER 1994
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
90%
90%
50%
50%
10%
10%
1.5 V
1.5 V
tw1
tw2
tsu1
th1
tr
tf
tPLH
tPHL
CLKR IN, CLKG IN, CLKB IN
(Clock)
R1 –R8, G1 –G8, B1 –B8
(Input Data)
ROUT, GOUT, BOUT
(Analog Output)
3 V
0
3 V
0
VFS
VZS
TYPICAL CHARACTERISTICS
4.492
4.488
3.988
3.984
3.980
5
4.496
4.996
LSB
MSB
•••
•••
•
•
•
•
•
•
Figure 1. Ideal Conversion Characteristics
Digital Input Code
•••
•••
EL 1
EL 2
EL 127
EL 128
EL 129
EL 254 ↓
↑
↑
↓
↑
↓
↑
↓
↑
↓
↑
↓
VZS
VFS
Figure 2. End-Point Linearity Error
Digital Input Code



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com