Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5632C Datasheet(PDF) 1 Page - Texas Instruments

Part # TL5632C
Description  8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5632C Datasheet(HTML) 1 Page - Texas Instruments

  TL5632C Datasheet HTML 1Page - Texas Instruments TL5632C Datasheet HTML 2Page - Texas Instruments TL5632C Datasheet HTML 3Page - Texas Instruments TL5632C Datasheet HTML 4Page - Texas Instruments TL5632C Datasheet HTML 5Page - Texas Instruments TL5632C Datasheet HTML 6Page - Texas Instruments TL5632C Datasheet HTML 7Page - Texas Instruments TL5632C Datasheet HTML 8Page - Texas Instruments TL5632C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TL5632C
8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
SLAS091 – DECEMBER 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 8-Bit Resolution
D Linearity . . . ±1/2 LSB Maximum
D Differential Nonlinearity... ±1/2 LSB
Maximum
D Conversion Rate...60 MHz Min
D Nominal Output Signal Operating Range
VCC to VCC – 1 V
D TTL Digital Input Voltage
D 5-V Single Power Supply Operation
D Low Power Consumption... 350 mW Typ
description
The TL5632C is a low-power ultra-high-speed
video digital-to-analog converter that uses the
Advanced Low-Power Schottky (ALS) process.
The device has a three channel I/O; the red, the
blue, and the green channel. The red, blue, and
green signals are referred to collectively as the
RGB signal. An internally generated reference is
also provided for the standard video output
voltage range. Conversion of digital signals to
analog signals can be at a sampling rate of dc to
60 MHz. The high conversion rate makes the
TL5632C suitable for digital television, computer
digital video processing, and high-speed data
conversion.
The TL5632C is characterized for operation from
0
°C to 70°C.
FUNCTION TABLE
STEP
DIGITAL INPUT
OUTPUT VOLTAGE
0
1
•
•
•
127
128
129
•
•
•
254
255
L L L L L L L L
L L L L L L L H
•
•
•
L H H H H H H H
H L L L L L L L
H L L L L L L H
•
•
•
H H H H H H H L
H H H H H H H H
3.980 V
3.984 V
•
•
•
4.488 V
4.492 V
4.996 V
•
•
•
4.996 V
5.000 V
AVAILABLE OPTIONS
TA
PACKAGE
0
°C to 70°C
TL5632CFR
Copyright
© 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
REF OUT
AVCC
CCOMP
DVCC
GND
CLKR IN
CLKG IN
CLKB IN
B8 (LSB)
B7
B6
33
32
31
30
29
28
27
26
25
24
23
12 13
1
2
3
4
5
6
7
8
9
10
11
(MSB) R1
R2
R3
R4
R5
R6
R7
(LSB) R8
(MSB) G1
G2
G3
14 15 16 17
FR PACKAGE
(TOP VIEW)
43 42 41 40 39
44
38
36 35 34
37
18 19 20 21 22
NC – No internal connection


Similar Part No. - TL5632C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5632CFR TI1-TL5632CFR Datasheet
162Kb / 10P
8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - TL5632C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
8-bit high-speed analog-to-digital converter
June 1994
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
8-bit high-speed analog-to-digital converter
June 1994
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
logo
Texas Instruments
TL5632 TI1-TL5632 Datasheet
162Kb / 10P
8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com