Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5632C Datasheet(PDF) 4 Page - Texas Instruments

Part # TL5632C
Description  8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5632C Datasheet(HTML) 4 Page - Texas Instruments

  TL5632C Datasheet HTML 1Page - Texas Instruments TL5632C Datasheet HTML 2Page - Texas Instruments TL5632C Datasheet HTML 3Page - Texas Instruments TL5632C Datasheet HTML 4Page - Texas Instruments TL5632C Datasheet HTML 5Page - Texas Instruments TL5632C Datasheet HTML 6Page - Texas Instruments TL5632C Datasheet HTML 7Page - Texas Instruments TL5632C Datasheet HTML 8Page - Texas Instruments TL5632C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TL5632C
8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
SLAS091 – DECEMBER 1994
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, AVCC, DVCC
4.75
5
5.25
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Reference voltage, Vref (see Note 1)
3.8
4
4.2
V
Setup time, data before CLK
↑, tsu1
10
ns
Hold time, data after CLK
↑, th1
3
ns
Pulse duration at high level, tw1
8.3
ns
Pulse duration at low level, tw2
8.3
ns
External phase compensation capacitance, CCOMP
1
µF
Operating free-air temperature, TA
0
70
°C
NOTE 1: VCC – Vref ≤ 1.2 V
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Resolution
8
Bit
IIH
High-level input current
VCC = 5.25 V, VIH = 2.7 V
20
µA
IIL
Low-level input current
VCC = 5.25 V, VIH = 2.7 V
– 400
µA
Iref
Reference input current
REF IN = 4 V
10
µA
Vref
Reference output voltage
VCC = 5 V,
With internal reference
3.8
4
4.2
V
VFS
Full-scale analog output voltage
VIH = 2 V,
REF IN = 4 V
AVCC –15 AVCC AVCC+15
mV
VZS
Zero-scale analog output voltage
VIL = 0.8 V,
REF IN = 4 V
3.9
3.98
4.05
V
RGB full-scale ratio
0%
4%
8%
zo
Output impedance
200
240
280
W
ICC
Supply current
70
90
mA
operating characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
EL
Linearity error
End point,
REF IN = 4 V
±0.5
LSB
ED
Differential linearity error
REF IN = 4 V
±0.5
LSB
fc
Maximum conversion rate
60
MHz
tPLH
Propagation delay time, low-to-high level
‡
10
ns
tPHL
Propagation delay time, high-to-low level
TA =25°C
CL ≤ 5 pF‡
10
ns
tr
Rise time
TA = 25°C, CL ≤ 5 pF‡
5
ns
tf
Fall time
5
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ CL includes probe and jig capacitances.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com