Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5632C Datasheet(PDF) 3 Page - Texas Instruments

Part # TL5632C
Description  8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5632C Datasheet(HTML) 3 Page - Texas Instruments

  TL5632C Datasheet HTML 1Page - Texas Instruments TL5632C Datasheet HTML 2Page - Texas Instruments TL5632C Datasheet HTML 3Page - Texas Instruments TL5632C Datasheet HTML 4Page - Texas Instruments TL5632C Datasheet HTML 5Page - Texas Instruments TL5632C Datasheet HTML 6Page - Texas Instruments TL5632C Datasheet HTML 7Page - Texas Instruments TL5632C Datasheet HTML 8Page - Texas Instruments TL5632C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TL5632C
8-BIT 3-CHANNEL HIGH-SPEED DIGITAL-TO-ANALOG CONVERTER
SLAS091 – DECEMBER 1994
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
B1 – B8
18 – 25
I
B-channel digital input (B1= MSB)
BOUT
36
O
B-channel analog output
CCOMP
31
Phase compensation capacitance. A 1
µF capacitor is connected from CCOMP to GND.
CLKB IN
26
I
B-channel clock input
CLKG IN
27
I
G-channel clock input
CLKR IN
28
I
R-channel clock input
G1 – G8
9 – 16
I
G-Channel digital input (G1= MSB)
GND
29, 35, 37,
39, 41
Ground. All GND terminals are connected internally; however, all GND terminals should be connected
externally to a ground plane or equivalent low impedance ground return.
GOUT
38
O
G-channel analog output
NC
17, 44
No connection internally
R1 – R8
1 – 8
I
R-channel digital input (R1= MSB)
ROUT
40
O
R-channel analog output
AVCC
32, 42
Analog power supply voltage
DVCC
30, 43
Digital power supply voltage
REF IN
34
I
Reference voltage input. REF IN accepts the reference voltage on REF OUT. An external reference can
also be applied consistent with Note 1.
REF OUT
33
O
Reference voltage output. An internal voltage divider generates the voltage level (see schematics of
outputs, page 2).
NOTE 1: VCC – Vref ≤ 1.2 V
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Power supply voltage range, AVCC, DVCC (see Note 2)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range,VI
– 0.3 V to DVCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog output voltage range, ROUT, GOUT, BOUT, CCOMP (externally applied)
– 0.3 V to AVCC + 0.3 V
. . . .
Reference input range, REF IN
– 0.3 V to AVCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference output range, REF OUT
– 0.3 V to AVCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 2: All voltage values are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com