Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL284 Datasheet(PDF) 5 Page - Texas Instruments

Part # TL284
Description  CURRENT-MODE PWM CONTROLLERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL284 Datasheet(HTML) 5 Page - Texas Instruments

  TL284 Datasheet HTML 1Page - Texas Instruments TL284 Datasheet HTML 2Page - Texas Instruments TL284 Datasheet HTML 3Page - Texas Instruments TL284 Datasheet HTML 4Page - Texas Instruments TL284 Datasheet HTML 5Page - Texas Instruments TL284 Datasheet HTML 6Page - Texas Instruments TL284 Datasheet HTML 7Page - Texas Instruments TL284 Datasheet HTML 8Page - Texas Instruments TL284 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038E – JANUARY 1989 – REVISED DECEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V (see
Note 4), RT = 10 kΩ, CT = 3.3 nF (unless otherwise specified) (continued)
current-sense section
PARAMETER
TEST CONDITIONS
TL284x
TL384x
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Voltage amplification
See Notes 6 and 7
2.85
3
3.13
2.85
3
3.15
V/V
Current-sense comparator threshold
COMP at 5 V,
See Note 6
0.9
1
1.1
0.9
1
1.1
V
Supply-voltage rejection ratio
VCC = 12 V to 25 V,
See Note 6
70
70
dB
Input bias current
–2
–10
–2
–10
µA
Delay time to output
150
300
150
300
ns
† All typical values are at TA = 25°C.
NOTES:
4. Adjust VCC above the start threshold before setting it to 15 V.
6. These parameters are measured at the trip point of the latch, with VFB at 0 V.
7. Voltage amplification is measured between ISENSE and COMP, with the input changing from 0 V to 0.8 V.
output section
PARAMETER
TEST CONDITIONS
TL284x
TL384x
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
High level output voltage
IOH = –20 mA
13
13.5
13
13.5
V
High-level output voltage
IOH = –200 mA
12
13.5
12
13.5
V
Low level output voltage
IOL = 20 mA
0.1
0.4
0.1
0.4
V
Low-level output voltage
IOL = 200 mA
1.5
2.2
1.5
2.2
V
Rise time
CL = 1 nF,
TA = 25°C
50
150
50
150
ns
Fall time
CL = 1 nF,
TA = 25°C
50
150
50
150
ns
† All typical values are at TA = 25°C.
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.
undervoltage-lockout section
PARAMETER
TL284x
TL384x
UNIT
PARAMETER
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Start threshold voltage
TLx842, TLx844
15
16
17
14.5
16
17.5
V
Start threshold voltage
TLx843, TLx845
7.8
8.4
9
7.8
8.4
9
V
Minimum operating voltage after startup
TLx842, TLx844
9
10
11
8.5
10
11.5
V
Minimum operating voltage after startup
TLx843, TLx845
7
7.6
8.2
7
7.6
8.2
V
† All typical values are at TA = 25°C.
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.
pulse-width-modulator section
PARAMETER
TL284x
TL384x
UNIT
PARAMETER
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Maximum duty cycle
TLx842, TLx843
95%
97%
100%
95%
97%
100%
Maximum duty cycle
TLx844, TLx845
46%
48%
50%
46%
48%
50%
Minimum duty cycle
0
0
† All typical values are at TA = 25°C.
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com