Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL284 Datasheet(PDF) 11 Page - Texas Instruments

Part # TL284
Description  CURRENT-MODE PWM CONTROLLERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL284 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL284 Datasheet HTML 4Page - Texas Instruments TL284 Datasheet HTML 5Page - Texas Instruments TL284 Datasheet HTML 6Page - Texas Instruments TL284 Datasheet HTML 7Page - Texas Instruments TL284 Datasheet HTML 8Page - Texas Instruments TL284 Datasheet HTML 9Page - Texas Instruments TL284 Datasheet HTML 10Page - Texas Instruments TL284 Datasheet HTML 11Page - Texas Instruments TL284 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038E – JANUARY 1989 – REVISED DECEMBER 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown technique
The PWM controller (see Figure 7) can be shut down by two methods: either raise the voltage at ISENSE above
1 V or pull the COMP terminal below a voltage two diode drops above ground. Either method causes the output
of the PWM comparator to be high (refer to block diagram). The PWM latch is reset dominant so that the output
remains low until the next clock cycle after the shutdown condition at the COMP or ISENSE terminal is removed.
In one example, an externally latched shutdown can be accomplished by adding an SCR that resets by cycling
VCC below the lower UVLO threshold. At this point, the reference turns off, allowing the SCR to reset.
330
Ω
1 k
Ω
500
Ω
To Current-Sense
Resistor
REF
ISENSE
Shutdown
Shutdown
COMP
Figure 7. Shutdown Techniques
A fraction of the oscillator ramp can be resistively summed with the current-sense signal to provide slope
compensation for converters requiring duty cycles over 50% (see Figure 8). Note that capacitor C forms a filter
with R2 to suppress the leading-edge switch spikes.
RT
0.1
µF
CT
R1
R2
ISENSE
RSENSE
C
REF
RT/CT
ISENSE
Figure 8. Slope Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com