Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL284 Datasheet(PDF) 8 Page - Texas Instruments

Part # TL284
Description  CURRENT-MODE PWM CONTROLLERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL284 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL284 Datasheet HTML 4Page - Texas Instruments TL284 Datasheet HTML 5Page - Texas Instruments TL284 Datasheet HTML 6Page - Texas Instruments TL284 Datasheet HTML 7Page - Texas Instruments TL284 Datasheet HTML 8Page - Texas Instruments TL284 Datasheet HTML 9Page - Texas Instruments TL284 Datasheet HTML 10Page - Texas Instruments TL284 Datasheet HTML 11Page - Texas Instruments TL284 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038E – JANUARY 1989 – REVISED DECEMBER 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = 15 V (see Note 4), RT= 10 kΩ, CT = 3.3 nF, TA = 25°C (unless otherwise
specified) (continued)
pulse-width-modulator section
PARAMETER
TL384xY
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
Maximum duty cycle
TL3842Y, TL3843Y
97%
Maximum duty cycle
TL3844Y, TL3845Y
48%
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.
supply voltage
PARAMETER
TEST CONDITIONS
TL384xY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up current
0.5
1
mA
Operating supply current
VFB and ISENSE at 0 V
11
17
mA
Limiting voltage
ICC = 25 mA
34
V
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com