Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL284 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL284
Description  CURRENT-MODE PWM CONTROLLERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL284 Datasheet(HTML) 2 Page - Texas Instruments

  TL284 Datasheet HTML 1Page - Texas Instruments TL284 Datasheet HTML 2Page - Texas Instruments TL284 Datasheet HTML 3Page - Texas Instruments TL284 Datasheet HTML 4Page - Texas Instruments TL284 Datasheet HTML 5Page - Texas Instruments TL284 Datasheet HTML 6Page - Texas Instruments TL284 Datasheet HTML 7Page - Texas Instruments TL284 Datasheet HTML 8Page - Texas Instruments TL284 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038E – JANUARY 1989 – REVISED DECEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM
TA
SMALL OUTLINE
(D)
SMALL OUTLINE
(D-8)
PLASTIC DIP
(P)
CHIP FORM
(Y)
0
°C to 70°C
TL3842D
TL3843D
TL3844D
TL3845D
TL3842D-8
TL3843D-8
TL3844D-8
TL3845D-8
TL3842P
TL3843P
TL3844P
TL3845P
TL3842Y
TL3843Y
TL3844Y
TL3845Y
–40
°C to 85°C
TL2842D
TL2843D
TL2844D
TL2845D
TL2842D-8
TL2843D-8
TL2844D-8
TL2845D-8
TL2842P
TL2843P
TL2844P
TL2845P
–
–
–
–
The D and D-8 packages are available taped and reeled. Add the suffix R to the device type (i.e.,
TL3842DR or TL3842DR-8). Chip forms are tested at 25
°C.
functional block diagram
† The toggle flip-flop is present only in TL2844, TL2845, TL3844, and TL3845.
Pin numbers shown are for the D Package.
Internal
Bias
Vref
Good
Logic
OSC
5-V REF
Error
Amplifier
PWM
Latch
Current-
Sense
Comparator
34 V NOM
VCC
GND
RT/CT
VFB
COMP
ISENSE
12
9
7
3
1
5
14
11
10
8
REF
VC
OUTPUT
POWER
GROUND
+
–
UVLO
EN
2R
R1 V
S
R
T
†
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com