Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC02IPM Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 42 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 38Page - Texas Instruments TLC320AC02IPM Datasheet HTML 39Page - Texas Instruments TLC320AC02IPM Datasheet HTML 40Page - Texas Instruments TLC320AC02IPM Datasheet HTML 41Page - Texas Instruments TLC320AC02IPM Datasheet HTML 42Page - Texas Instruments TLC320AC02IPM Datasheet HTML 43Page - Texas Instruments TLC320AC02IPM Datasheet HTML 44Page - Texas Instruments TLC320AC02IPM Datasheet HTML 45Page - Texas Instruments TLC320AC02IPM Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
3–3
3.5.2
ADC Channel Input, VDD = 5 V, Input Amplifier Gain = 0 dB (Unless Otherwise
Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VI(PP)
Peak to peak input voltage (see Note 4)
Single-ended
3
V
VI(PP)
Peak-to-peak input voltage (see Note 4)
Differential
6
V
ADC converter offset error
Band-pass filter selected
10
30
mV
CMRR
Common-mode rejection ratio at IN +, IN –,
AUX IN +, AUX IN – (see Note 5)
55
dB
ri
Input resistance at IN +, IN –, AUX IN +,
AUX IN –
100
k
Ω
Squelch
DS03, DS02 = 0 in
register 4
60
dB
† All typical values are at VDD = 5 V and TA = 25°C.
NOTES:
4. The differential range corresponds to the full-scale digital output.
5. Common-mode rejection ratio is the ratio of the ADC converter offset error with no signal and the ADC
converter offset error with a common-mode nonzero signal applied to either IN + and IN – together or
AUX IN + and AUX IN – together.
3.5.3
ADC Channel Signal-to-Distortion Ratio, VDD = 5 V, fs = 8 kHz (Unless
Otherwise Noted)
PARAMETER
TEST CONDITIONS
AV = 0 dB
AV = 6 dB
AV = 12 dB
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VI = – 6 dB to – 1 dB
64
—
—
VI = – 12 dB to – 6 dB
59
64
—
C
VI = – 18 dB to – 12 dB
56
59
64
ADC channel signal-to-
distortion ratio
VI = – 24 dB to – 18 dB
50
56
59
dB
distortion ratio
(see Note 6)
VI = – 30 dB to – 24 dB
44
50
56
dB
(see Note 6)
VI = – 36 dB to – 30 dB
38
44
50
VI = – 42 dB to – 36 dB
32
38
44
VI = – 48 dB to – 42 dB
26
32
38
NOTE 6: The analog-input test signal is a 1020-Hz sine wave with 0 dB = 6 V peak to peak as the reference level for
the analog-input signal.
3.5.4
DAC Channel Filter Transfer Function, FCLK = 144 kHz, fs = 9.6 kHz, VDD = 5 V
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fi < 200 Hz
0.15
fi = 200 Hz
– 0.5
0.2
fi = 300 Hz to 3 kHz
– 0.15
0.2
Gain relative to gain at fi = 1020 Hz (see Note 7)
fi = 3.3 kHz
– 0.35
0.03
dB
fi = 3.4 kHz
–1
– 0.1
fi = 4 kHz
–14
fi ≥ 4.6 kHz
–32
NOTE 7: The input signal is the digital equivalent of a 1020-Hz sine wave (digital full scale = 0 dB). The nominal
differential DAC channel output with this input condition is 6 V peak to peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com