Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC02IPM Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 71 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 67Page - Texas Instruments TLC320AC02IPM Datasheet HTML 68Page - Texas Instruments TLC320AC02IPM Datasheet HTML 69Page - Texas Instruments TLC320AC02IPM Datasheet HTML 70Page - Texas Instruments TLC320AC02IPM Datasheet HTML 71Page - Texas Instruments TLC320AC02IPM Datasheet HTML 72Page - Texas Instruments TLC320AC02IPM Datasheet HTML 73Page - Texas Instruments TLC320AC02IPM Datasheet HTML 74Page - Texas Instruments TLC320AC02IPM Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
A–1
Appendix A
Primary Control Bits
The function of the primary-word control bits D01 and D00 and the hardware terminals FC0 and FC1 are
shown below. Any combinational state of D01, D00, FC1, and FC0 not shown is ignored.
CONTROL FUNCTION OF CONTROL BITS
BITS
TERMINALS
D01
D00
FC1
FC0
0
0
0
0
On the next falling edge of FS, the AIC receives DAC data D15 – D02 to DIN and
transmits the ADC data D15 – D00 from DOUT.
0
0
0
1
On the next falling edge of FS, the AIC receives DAC data D15 – D02 to DIN and
transmits the ADC data D15 – D00 from DOUT.
The phase adjustment is determined by the state of FC1 and FC0 such that on the
next rising edge of the next internal FS, the next ADC/DAC sampling time occurs later
by the number of MCLK periods equal to the value contained in the A
′ register. When
the A
′ register value is negative, the internal falling edge of FS occurs earlier.
0
0
1
0
On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and
transmits the ADC data D15 – D00 from DOUT.
The phase adjustment is determined by the state of FC1 and FC0 such that on the
rising edge of the next internal FS, the next ADC/DAC sample time occurs earlier by
the number of MCLK periods determined by the value contained in the A
′ register.
When the A
′ register value is negative, the internal falling edge of FS occurs later.
0
0
1
1
On the next falling edge of the primary FS, the AIC receives DAC data D15 – D02 at
DIN and transmits the ADC data D15 – D00 from DOUT.
When FC0 and FC1 are both taken high, the AIC initiates a secondary FS to receive
a secondary control word at DIN. The secondary frame sync occurs at 1/2 the
sampling time as measured from the falling edge of the primary FS.
0
1
0
0
On the next falling edge of FS, the AIC receives DAC data D15 – D02 to DIN and
transmits the ADC data D15 – D00 from DOUT.
The phase adjustment is determined by the state of D01 and D00 such that on the
next rising edge of FS, the next ADC/DAC sampling time occurs later by the number
of MCLK periods determined by the value contained in the A
′ register. When the A′
register value is negative, the falling edge of FS occurs earlier.
1
0
0
0
On the next falling edge of FS, the AIC receives DAC data D15 – D02 at DIN and
transmits the ADC data D15 – D00 from DOUT.
The phase adjustment is determined by the state of D01 and D00. On the next rising
edge of FS, the next ADC/DAC sampling time occurs earlier by the number of MCLK
periods determined by the value contained in the A
′ register. When the A′ register
value is negative, the internal falling edge of FS occurs later.
1
1
0
0
On the next falling edge of FS, the AIC receives DAC data D15 – D02 to DIN and
transmits the ADC data D15 – D00 from DOUT.
When D00 and D01 are both high, the AIC initiates a secondary FS to receive a
secondary control word at DIN. The secondary frame sync occurs at 1/2 the sampling
time as measured from the falling edge of the primary FS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com