Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC02IPM Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 21Page - Texas Instruments TLC320AC02IPM Datasheet HTML 22Page - Texas Instruments TLC320AC02IPM Datasheet HTML 23Page - Texas Instruments TLC320AC02IPM Datasheet HTML 24Page - Texas Instruments TLC320AC02IPM Datasheet HTML 25Page - Texas Instruments TLC320AC02IPM Datasheet HTML 26Page - Texas Instruments TLC320AC02IPM Datasheet HTML 27Page - Texas Instruments TLC320AC02IPM Datasheet HTML 28Page - Texas Instruments TLC320AC02IPM Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
2–10
during DOUT secondary communications by setting the read bit to 1 in the appropriate register. Since the
register is in the read mode, no data can be written to the register during this cycle. To return this register
to the write mode requires a subsequent secondary communication (see Section 2.19 for detailed register
description).
2.12.2
Master and Stand-Alone Functional Sequence
The A counter counts according to the contents of the A register, and the A counter frequency is divided by
two to produce the filter clock (FCLK). The B counter is clocked by FCLK with the following functional
sequence:
1.
The B counter starts counting down from the B register value minus one. Each count remains in
the counter for one FCLK period including the zero count. This total counter time is referred to
as the B cycle. The end of the zero count is called the end of B cycle.
2.
When the B counter gets to a count of nine, the analog-to-digital (A-to-D) conversion starts.
3.
The A-to-D conversion is complete ten FCLK periods later.
4.
FS goes low on a rising edge of SCLK after the A-to-D conversion is complete. That rising edge
of SCLK must be preceded by a falling edge of SCLK, which is the first falling edge to occur after
the end of B cycle.
5.
The D-to-A conversion cycle begins on the rising edge of the internal frame-sync interval and is
complete ten FCLK periods later.
2.13 Slave and Codec Modes
The only difference between the slave and codec modes is that the codec mode is controlled directly by the
host and does not use a delayed frame-sync signal. In both modes, the shift clock and the frame sync are
both externally generated and must be synchronous with MCLK. The conversion frequency is set by the time
interval of externally applied frame-sync falling edges except when the free-run function is selected by bit 5
of register 6 (see Section 2.15.4). The slave device or devices share the shift clock generated by the master
device but receive the frame sync from the previous slave in the chain. The Nth slave FS receives the
(N –1)st slave FSD output and so on. The first slave device in the chain receives FSD from the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com