Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC02IPM Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 18Page - Texas Instruments TLC320AC02IPM Datasheet HTML 19Page - Texas Instruments TLC320AC02IPM Datasheet HTML 20Page - Texas Instruments TLC320AC02IPM Datasheet HTML 21Page - Texas Instruments TLC320AC02IPM Datasheet HTML 22Page - Texas Instruments TLC320AC02IPM Datasheet HTML 23Page - Texas Instruments TLC320AC02IPM Datasheet HTML 24Page - Texas Instruments TLC320AC02IPM Datasheet HTML 25Page - Texas Instruments TLC320AC02IPM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
2–7
2.8.2
Notes on TLC320AC01/02 AIC Master-Slave Operation
Master/slave operational detail is summarized in the following notes:
1.
The slave devices can be programmed independently of the master as long as the clock divide
register numbers are not changed. The gain settings, for example, can be changed
independently.
2.
The method that is used to program a slave independently is to request a secondary
communication of the master and all slaves and ripple the delayed frame sync to the desired slave
device to be programmed.
3.
Secondary frame syncs must be requested for all devices in the system or none. This is required
so that the master generates secondary frames for the slaves and allows the slaves to know that
the second frame syncs they receive are secondary frame syncs. Each device in the system must
receive a secondary frame request in its corresponding primary frame sync period (11 in the last
2 LSBs).
4.
Calculation of the sampling frequency in terms of the master clock and the shift clock and the
respective register ratios is (see equations 4–6):
Sampling frequency
+ fs +
FCLK
B register value
+
f(MCLK)
2 (A register value)
(B register value)
(4)
Therefore,
f(MCLK)
fs
+ 2
(A register value)
(B register value)
(5)
and in terms of the shift clock frequency, since
(6)
f(SCLK)
fs
+
(A register value)
(B register value)
2
+
Number of SCLK periods
Sampling period
f(MCLK)
+ 4
f(SCLK)
then
5.
The minimum number of shift clocks between falling edges of any two frame syncs is 18 because
the frame sync delay register minimum number is 18.
When a secondary communication is requested by the host, the master secondary frame sync
begins at the middle of the sampling period (followed by the slave secondary frame syncs), so all
primary frame sync intervals (master and slave) must occur within one-half the sampling time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com