Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DI16A Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # USB-DI16A
Description  16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

USB-DI16A Datasheet(HTML) 2 Page - ADL Embedded Solutions

  USB-DI16A Datasheet HTML 1Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 2Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 3Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC/104 - USB Digital Module
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
The series includes four models, choose from input only (USB-DI16A), output only (USB-DO16A), and input/output versions (USB-DIO-16A) with expandable
FIFOs (USB-DIO-16H). These modules are especially useful where high-speed data needs to be captured or output for testing or stimulus/response applica-
tions. These include testing and debugging, laboratory automation, manufacturing test, image capture, process monitoring, datasource emulation, and many
more which require the need for high-speed parallel data transfer.
A type B USB connector is used on all models which features a high retention design that complies with the class 1, Div II minimum withdrawal requirement of
over 3 pounds of force. This connector has an orange color-coded insulator to differentiate it from standard USB connectors.
The USB-DIO-16H was designed to be used in rugged industrial environments but is small enough to fit nicely onto any desk or testing station. The board itself
is PC/104 sized (3.550 by 3.775 inches) and ships with or without a steel powder-coated enclosure with an anti-skid bottom. A DIN rail mounting provision is
available for installation in industrial environments.
OEM USB/104 FORM FACTOR
The OEM (board only) version is perfect for a variety of embedded applications. What makes the OEM option unique is that its PCB size and pre-drilled mount-
ing holes match the PC/104 form factor (without the bus connections). This ensures easy installation using standard standoffs inside most enclosures or sys-
tems. The board can be added to any PC/104, PCI-104, or PCI/104-Express stack by connecting it to a USB 2.0 port usually included on-board with embedded
CPU form factors such as EBX, EPIC, and PC/104. This is especially important since many newer CPU chipsets do not support ISA and have plenty of USB
ports. The USB-DIO-16H OEM board can also be installed using standoffs inside other enclosures or systems. For embedded OEM type applications, an
additional miniature USB input header is provided in parallel with the type B connector.
High Retention USB Connector
The ever-growing presence of USB in the industrial/military marketplace has driven the need for USB connections to be reliable, dependable, and unfailing.
Gone are the days of loose USB connections. A type B USB connector is used on all USB/104 products which features a high
retention design that complies with the class 1, Div II minimum withdrawal requirement of over 3 pounds of force (15 Newtons). This
connector has an orange color-coded insulator to quickly differentiate it from standard USB connectors. Using these USB connec-
tors increases reliability in your system and ensures a tight connection. For embedded OEM type applications, an additional minia-
ture USB input header is provided in parallel with the type B connector.
Applications
•
Testing and Debugging
•
Laboratory Automation
•
Manufacturing Test
•
Image Capture
•
Process Monitoring
•
Datasource Emulation
•
Embedded OEM
ACCESSORIES
Available accessories include a shielded, round-wire molded cable with latching connectors and a 68-pin screw terminal board for quick and easy connectivity.
SOFTWARE
The USB-DIO-16H utilizes a high-speed custom function driver optimized for maximum continuous data throughput of 16 MB/s that is hundreds to thousands of
times faster than the USB human interface device (HID) driver used by many competing products. This approach maximizes the full functionality of the hard-
ware along with capitalizing on the advantage of high-speed USB 2.0. The boards are supported for use in most USB supported operating systems and in-
cludes a free Windows 98se/Me/2000/XP/2003/Vista compatible software package. This package contains sample programs and source code in Visual Basic,
Delphi, C++ Builder, and Visual C++ for Windows. Third party support includes a Windows standard DLL interface usable from the most popular application
programs and includes example LabView VIs. Embedded OS support includes Windows XPe.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com