Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DI16A Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # USB-DI16A
Description  16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

USB-DI16A Datasheet(HTML) 1 Page - ADL Embedded Solutions

  USB-DI16A Datasheet HTML 1Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 2Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 3Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC/104 - USB Digital Module
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Fast USB-DIO-16H Series— USB Digital Waveform (Pattern) Generator
Modules Feature 16 High-Speed Digital I/O Lines
FEATURES
•
High-speed USB 2.0 device
•
16 high-speed digital I/O lines feature continuous, sustained
throughput up to 16 MB/s
•
Capable of 80 MB/s bursts with flexible synchronous clock
and handshaking capabilities
•
Continuous streaming over USB with no maximum waveform
length
•
On-board embedded FIFO memory up to 128 kByte
•
18 additional digital I/O lines arranged in 4 programmable
groups
•
All outputs buffered with 24 mA sink/source capabilities
•
Type B USB connector features high-retention design
•
Standard 68-pin SCSI high density latching connector
•
Custom high-speed function driver
•
Alternate embedded USB connector
•
All required power drawn from USB port, no external power
adapter required
•
Small, (4" x 4" x 1.25") rugged industrial enclosure
•
PC/104 module size and mounting compatibility
•
Type B USB connector features industrial strength and high-
retention design adaptor
•
OEM (board only) version with PC/104 mounting holes and
PCB footprint for added flexibility in embedded applications
FACTORY OPTIONS
•
LVTTL for 3.3V applications
•
Input only, output only, and input/output versions
•
OEM version (board only) features PC/104 module size and
mounting compatibility
•
External power for high current capabilities
•
Extended temperature and DIN rail mounting provisions
•
RoHS available, please contact us for ordering information
FUNCTIONAL DESCRIPTION
Model USB-DIO-16H features 16 high-speed buffered digital inputs or digital outputs at continuous, sustained streaming speeds up to 16 MB/s for fast, unlim-
ited waveform length. The module is capable of 80 MB/s bursts with handshaking signals for synchronizing communications plus an additional 18 bits of gen-
eral purpose digital I/O. The USB-DIO-16H is a port-powered high-speed USB 2.0 devices and offers hot swapping functionality for quick connect/disconnect
whenever you need additional I/O on your USB port.
The USB-DIO-16H includes a programmable clock capable of 1 kHz - 40 MHz transfers or you may choose to use your own external clock. In addition to the 16
high-speed I/O’s there are 18 standard TTL-compatible digital I/O channels configurable as 4 separate ports for input or output (see block diagram). All re-
quired power is normally supplied to the board via the USB cable, however for higher current sourcing capabilities, optional external power may be used. The
I/O wiring connections for the units are via an industry standard high-density pin-in-socket SCSI connector. For external circuits, a jumper selection connects
fused +5VDC power to the connector. This resettable fuse is rated at 0.5A.


Similar Part No. - USB-DI16A

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
USB-DIO-32 ADL-USB-DIO-32 Datasheet
216Kb / 3P
Enclosure, module and screw terminal board
USB-DIO-48 ADL-USB-DIO-48 Datasheet
268Kb / 3P
96 High-Speed Digital I/O?셲 in rugged enclosure
USB-DIO-96 ADL-USB-DIO-96 Datasheet
268Kb / 3P
96 High-Speed Digital I/O?셲 in rugged enclosure
logo
List of Unclassifed Man...
USB-DIO24 ETC-USB-DIO24 Datasheet
836Kb / 7P
USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
USB-DIO24/37 ETC-USB-DIO24/37 Datasheet
836Kb / 7P
USB-DIO24, -1024, and -DIO96H Series
October 2018. Rev 4
More results

Similar Description - USB-DI16A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321 MAXIM-MAX7321_14 Datasheet
974Kb / 15P
I2C Port Expander with 8 Open-Drain I/Os
Rev 4; 7/14
MAX11300 MAXIM-MAX11300 Datasheet
2Mb / 54P
Up to 20 General-Purpose Digital I/Os
Rev 3; 4/16
logo
Silicon Laboratories
SI5013-EVB SILABS-SI5013-EVB Datasheet
1Mb / 11P
Differential I/Os ac coupled
logo
Texas Instruments
FPC202 TI1-FPC202 Datasheet
711Kb / 10P
Dual Port Controller With Expanded I/Os
logo
Shanghai Leiditech Elec...
LCDA3.3CP08 LEIDITECH-LCDA3.3CP08 Datasheet
257Kb / 3P
TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
SMDA03C LEIDITECH-SMDA03C Datasheet
330Kb / 3P
TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
SMDA33C LEIDITECH-SMDA33C Datasheet
337Kb / 3P
TVS DIODE ARRAY FOR 3.3V BIDIRECTIONAL I/Os PROTECTION
logo
Schneider Electric
TM171OD14R SCHNEIDER-TM171OD14R Datasheet
166Kb / 5P
Modicon M171 Optimized Display 14 I/Os, 100-240Vac
Aug 10, 2019
logo
List of Unclassifed Man...
USB-DIO32HS ETC-USB-DIO32HS Datasheet
847Kb / 4P
High-Speed Digital I/O
April 2018. Rev 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com