Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DI16A Datasheet(PDF) 4 Page - ADL Embedded Solutions

Part # USB-DI16A
Description  16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

USB-DI16A Datasheet(HTML) 4 Page - ADL Embedded Solutions

  USB-DI16A Datasheet HTML 1Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 2Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 3Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC/104 - USB Digital Module
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Ordering Information
Item Code
Description
USB-DIO-16H
16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
USB-DIO-16A
16 High-Speed Digital I/Os, 18 standard I/Os, 8 kByte FIFO
USB-DI16A
16 High-Speed Digital Inputs, 18 standard I/Os, 8 kByte FIFO
USB-DO16A
16 High-Speed Digital Outputs, 18 standard I/Os, 8 kByte FIFO
Accessories
STB-68
Screw terminal board
C68PS18L
68-Pin SCSI 18" shielded cable
MP104-DIN
DIN rail mounting provision
CUSB-EMB-6
6' USB Cable with Type A to mini connector
Options
-OEM
Board only (no enclosure)
-P
External power components and AC/DC adapter
-LV
LVTTL Buffers
-T
Extended Temperature Operation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com