Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-DI16A Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # USB-DI16A
Description  16 High-Speed Digital I/Os, 18 standard I/Os, 128 kByte FIFO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

USB-DI16A Datasheet(HTML) 3 Page - ADL Embedded Solutions

  USB-DI16A Datasheet HTML 1Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 2Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 3Page - ADL Embedded Solutions USB-DI16A Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC/104 - USB Digital Module
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Specifications
TTL High-Speed Digital I/O’s (LVTTL Optional)
Channels / Groups:
16 / 1
Configured as Inputs:
Logic High:
2.0 to 5.0 VDC
Logic Low:
-0.5 to +0.8 VDC
Configured as Outputs:
Logic High:
4.4 VDC minimum, source 24 mA
Logic Low:
0.44 VDC maximum, sink 24 mA
TTL Standard Digital I/O’s (LVTTL Optional)
Channels / Groups:
18 / 4 (see block diagram)
Configured as Inputs:
Logic High:
2.0 to 5.0 VDC
Logic Low:
-0.5 to +0.8 VDC
Configured as Outputs:
Logic High:
4.4 VDC minimum, source 24 mA
Logic Low:
0.44 VDC maximum, sink 24 mA
Internal Clock
Frequency Range:
1 kHz - 40 MHz
External Clock
Frequency:
40 MHz maximum
Block Diagram
Data FIFOs
Width:
16-bit
Depth:
USB-DIO-16H: 128 kByte
USB-DIO-16A, USB-DI16A,
USB-D016A: 8 kByte
Environmental
Operating Temperature Range:
Commercial: 0° to 70°C
Industrial: -40° to +85°C
Storage Temperature Range:
-40° to +85°C
Humidity:
5%-95%, non-condensing
Board Dimension:
3.550 x 3.775 inches
Box Dimension:
4.00 x 4.00 x 1.25 inches
Power
Basic Unit:
100mA typical (no load)
Auxiliary Output:
+5VDC via 0.5A resettable fuse
+3.3VDC via 0.5A resettable fuse (with
LVTTL Option)
Bus Powered:
+5VDC provided via USB bus up to
500mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com