Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227CDW Datasheet(PDF) 9 Page - Texas Instruments

Part # TLE2227CDW
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227CDW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2227CDW Datasheet HTML 5Page - Texas Instruments TLE2227CDW Datasheet HTML 6Page - Texas Instruments TLE2227CDW Datasheet HTML 7Page - Texas Instruments TLE2227CDW Datasheet HTML 8Page - Texas Instruments TLE2227CDW Datasheet HTML 9Page - Texas Instruments TLE2227CDW Datasheet HTML 10Page - Texas Instruments TLE2227CDW Datasheet HTML 11Page - Texas Instruments TLE2227CDW Datasheet HTML 12Page - Texas Instruments TLE2227CDW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VCC± = ±15 V
PARAMETER
TEST CONDITIONS
T †
TLE2237C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate
AVD = 5,
RL = 2 k
Ω,
25
°C
4
5
V/
µs
SR
Slew rate
VD
,
CL = 100 pF
,
Full range
3
V/
µs
V
Equivalent input noise voltage
RS = 20 Ω,
f = 10 Hz
25
°C
3.3
8
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
25
°C
2.5
4.5
nV/
√Hz
Vn(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
50
250
nV
I
Equivalent input noise current
f = 10 Hz
25
°C
1.5
4
pA/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.4
0.6
pA/
√Hz
THD
Total harmonic distortion
VO = ± 10 V, AVD = 5 V,
25
°C
< 0 002%
THD
Total harmonic distortion
O
,
See Note 5
VD
,
25
°C
< 0.002%
GBP
Gain bandwidth product
f = 100 kHz,
RL = 2 kΩ,
25
°C
35
50
MHz
GBP
Gain-bandwidth product
,
CL = 100 pF
L
,
25
°C
35
50
MHz
BOM
Maximum output-swing bandwidth
RL = 2 kΩ
25
°C
80
kHz
φm
Phase margin
RL = 2 kΩ ,
CL = 100 pF
25
°C
40
°
† Full range is 0
°C to 70°C.
NOTE 5. Measured distortion of the source used in the analysis was 0.002%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com