Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227CDW Datasheet(PDF) 22 Page - Texas Instruments

Part # TLE2227CDW
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227CDW Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLE2227CDW Datasheet HTML 18Page - Texas Instruments TLE2227CDW Datasheet HTML 19Page - Texas Instruments TLE2227CDW Datasheet HTML 20Page - Texas Instruments TLE2227CDW Datasheet HTML 21Page - Texas Instruments TLE2227CDW Datasheet HTML 22Page - Texas Instruments TLE2227CDW Datasheet HTML 23Page - Texas Instruments TLE2227CDW Datasheet HTML 24Page - Texas Instruments TLE2227CDW Datasheet HTML 25Page - Texas Instruments TLE2227CDW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 32
VO = 0
No Load
8
6
4
2
20
18
16
14
12
10
8
6
4
2
10
|VCC
±| – Supply Voltage – V
0
0
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA = 25°C
TA = 70°C
Figure 33
7.8
7.6
8
TA – Free-Air Temperature – °C
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
7.4
7.2
7
6.8
70
60
50
40
30
20
10
0
VCC
± = ±15 V
VO = 0
No Load
Figure 34
VCC
± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 4
50
0
–50
800
600
400
200
0
100
1000
t – Time – ns
– 100
TLE2227
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
Figure 35
TLE2237
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
50
0
–50
300
100
400
200
0
100
t – Time – ns
– 100
VCC
± = ±15 V
AVD = 5
RL = 2 kΩ
CL = 100 pF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com