Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227CDW Datasheet(PDF) 27 Page - Texas Instruments

Part # TLE2227CDW
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227CDW Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLE2227CDW Datasheet HTML 23Page - Texas Instruments TLE2227CDW Datasheet HTML 24Page - Texas Instruments TLE2227CDW Datasheet HTML 25Page - Texas Instruments TLE2227CDW Datasheet HTML 26Page - Texas Instruments TLE2227CDW Datasheet HTML 27Page - Texas Instruments TLE2227CDW Datasheet HTML 28Page - Texas Instruments TLE2227CDW Datasheet HTML 29Page - Texas Instruments TLE2227CDW Datasheet HTML 30Page - Texas Instruments TLE2227CDW Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TLE2227 macromodel information (continued)
7
12
–
+
vin
dip
dln
92
91
–
+
hlim
90
OUT
5
ro1
8
–
+
vlim
C2
fb
–
+
99
egnd
–
+
9
vb
dc
de
ga
gcm
6
r2
–
+
vc
53
cee
ree
10
54
+
–
ve
lee
4
re2
re1
3
14
13
Q1
Q2
rc2
c1
rc1
11
rp
dp
2
1
VCC –
IN –
IN +
VCC +
–
+
vip
ro2
Figure 49. Boyle Macromodel
.subckt TLE2227
1
2
3
4
5
*
c1
11
12
4.003E-12
c2
6
7
20.00E-12
dc
5
53
dx
de
54
5
dx
dlp
90
91
dx
dln
92
90
dx
dp
4
3
dx
egnd
99
0
poly(2)
(3,0)
(4,0)
0
.5
.5
fb
7
99
poly(5)
vb
vc
ve
vlp
vln
0
954.8E6
–1E9
1E9
1E9 –1E9
ga
6
0
11
12
2.062E-3
gcm
0
6
10
99
531.3E-12
iee
10
4
dc
56.01E-6
hlim
90
0
vlim
1K
q1
11
2
13
qx
q2
12
1
14
qx
r2
6
9
100.0E3
rc1
3
11
530.5
rc2
3
12
530.5
re1
13
10
– 393.2
re2
14
10
– 393.2
ree
10
99
3.571E6
ro1
8
5
25
ro2
7
99
25
rp
3
4
8.013E3
vb
9
0
dc
0
vc
3
53
dc
2.400
ve
54
4
dc
2.100
vlim
7
8
dc
0
vlp
91
0
dc
40
vln
0
92dc40
.model
dx D(Is=800.0E-18)
.model
qx NPN(Is=800.0E-18
Bf=7.000E3)
.ends
Figure 50. TLE2227 Macromodel Subcircuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com