Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2227CDW Datasheet(PDF) 23 Page - Texas Instruments

Part # TLE2227CDW
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2227CDW Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLE2227CDW Datasheet HTML 19Page - Texas Instruments TLE2227CDW Datasheet HTML 20Page - Texas Instruments TLE2227CDW Datasheet HTML 21Page - Texas Instruments TLE2227CDW Datasheet HTML 22Page - Texas Instruments TLE2227CDW Datasheet HTML 23Page - Texas Instruments TLE2227CDW Datasheet HTML 24Page - Texas Instruments TLE2227CDW Datasheet HTML 25Page - Texas Instruments TLE2227CDW Datasheet HTML 26Page - Texas Instruments TLE2227CDW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TLE2227, TLE2227Y, TLE2237, TLE2237Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS184 – FEBRUARY 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 36
t – Time –
µs
25
0
5
10
15
20
10
5
0
–5
–10
15
–15
VCC
± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
TLE2227
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
t – Time –
µs
10
02
4
6
8
10
5
0
–5
–10
15
–15
VCC
± = ±15 V
AVD = 5
RL = 2 kΩ
CL = 100 pF
TA = 25°C
See Figure 1
Figure 37
TLE2237
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
Figure 38
8
6
4
2
10 k
1 k
100
10
10
100 k
f – Frequency – Hz
0
1
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
VCC
± = ±15 V
RS = 20 Ω
TA = 25°C
See Figure 2
Figure 39
VCC
± = ±15 V
f = 0.1 to 10 Hz
TA = 25°C
40
30
20
10
0
– 10
– 20
– 30
– 40
8
6
4
2
50
10
t – Time – s
– 50
0
NOISE VOLTAGE
(REFERRED TO INPUT)
OVER A 10-SECOND INTERVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com