Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2081 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLE2081 Datasheet HTML 36Page - Texas Instruments TLE2081 Datasheet HTML 37Page - Texas Instruments TLE2081 Datasheet HTML 38Page - Texas Instruments TLE2081 Datasheet HTML 39Page - Texas Instruments TLE2081 Datasheet HTML 40Page - Texas Instruments TLE2081 Datasheet HTML 41Page - Texas Instruments TLE2081 Datasheet HTML 42Page - Texas Instruments TLE2081 Datasheet HTML 43Page - Texas Instruments TLE2081 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
–
+
2 k
Ω
2 k
Ω
RL
CL†
VO
VCC +
VCC +
VI
–
+
10 k
Ω
VO
CL†
100
Ω
RL
VCC +
VCC +
VI
† Includes fixture capacitance
† Includes fixture capacitance
Figure 1. Slew-Rate Test Circuit
Figure 2. Unity-Gain Bandwidth
and Phase-Margin Test Circuit
† Includes fixture capacitance
–
+
–
+
2 k
Ω
VCC +
VCC +
VO
VO
VCC –
VCC –
RS
RS
Ground Shield
Picoammeters
Figure 3. Noise-Voltage Test Circuit
Figure 4. Input-Bias and Offset-
Current Test Circuit
–
+
VCC +
VO
VCC –
IN –
IN +
Cic
Cic
Cid
Figure 5. Internal Input Capacitance
typical values
Typical values presented in this data sheet represent the median (50% point) of device parametric performance.
input bias and offset current
At the picoampere bias-current level typical of the TLE208x and TLE208xA, accurate measurement of the bias
becomes difficult. Not only does this measurement require a picoammeter, but test socket leakages can easily
exceed the actual device bias currents. To accurately measure these small currents, Texas Instruments uses
a two-step process. The socket leakage is measured using picoammeters with bias voltages applied but with
no device in the socket. The device is then inserted in the socket and a second test is performed that measures
both the socket leakage and the device input bias current. The two measurements are then subtracted
algebraically to determine the bias current of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com