Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2081 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 2 Page - Texas Instruments

  TLE2081 Datasheet HTML 1Page - Texas Instruments TLE2081 Datasheet HTML 2Page - Texas Instruments TLE2081 Datasheet HTML 3Page - Texas Instruments TLE2081 Datasheet HTML 4Page - Texas Instruments TLE2081 Datasheet HTML 5Page - Texas Instruments TLE2081 Datasheet HTML 6Page - Texas Instruments TLE2081 Datasheet HTML 7Page - Texas Instruments TLE2081 Datasheet HTML 8Page - Texas Instruments TLE2081 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2081 AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP
FORM
(Y)
0
°Cto70°C
3 mV
TLE2081ACD
TLE2081ACP
—
0
°C to 70°C
6 mV
TLE2081CD
—
—
TLE2081CP
TLE2081Y
55
°Cto125°C
3 mV
TLE2081AMFK
TLE2081AMJG
– 55
°C to 125°C
6 mV
—
TLE2081MFK
TLE2081MJG
—
—
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2081ACDR).
‡ Chip forms are tested at TA = 25°C only.
TLE2082 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP FORM
(Y)
0
°Cto70°C
4 mV
TLE2082ACD
TLE2082ACP
0
°C to 70°C
7 mV
TLE2082CD
—
—
TLE2082CP
—
40
°Cto85°C
4 mV
TLE2082AID
TLE2082AIP
TLE2082Y
– 40
°C to 85°C
7 mV
TLE2082ID
—
—
TLE2082IP
TLE2082Y
55
°Cto125°C
4 mV
TLE2082AMD
TLE2082AMFK
TLE2082AMJG
TLE2082AMP
– 55
°C to 125°C
7 mV
TLE2082MD
TLE2082MFK
TLE2082MJG
TLE2082MP
—
‡ The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2082ACDR).
‡ Chip forms are tested at TA = 25°C only.
TLE2084 AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(DW)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
CHIP
FORM
(Y)
0
°Cto70°C
4 mV
TLE2084ACDW
TLE2084ACN
—
0
°C to 70°C
7 mV
TLE2084CDW
—
—
TLE2084CN
TLE2084Y
55
°Cto125°C
4 mV
TLE2084AMFK
TLE2084AMJ
– 55
°C to 125°C
7 mV
—
TLE2084MFK
TLE2084MJ
—
—
† The DW packages are available taped and reeled. Add R suffix to device type (e.g., TLE2084ACDWR).
‡ Chip forms are tested at TA = 25°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com