Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2081 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLE2081 Datasheet HTML 14Page - Texas Instruments TLE2081 Datasheet HTML 15Page - Texas Instruments TLE2081 Datasheet HTML 16Page - Texas Instruments TLE2081 Datasheet HTML 17Page - Texas Instruments TLE2081 Datasheet HTML 18Page - Texas Instruments TLE2081 Datasheet HTML 19Page - Texas Instruments TLE2081 Datasheet HTML 20Page - Texas Instruments TLE2081 Datasheet HTML 21Page - Texas Instruments TLE2081 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLE2082C electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
T †
TLE2082C
TLE2082AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
0.9
6
0.65
4
mV
VIO
Input offset voltage
VIC = 0,
VO = 0,
Full range
8.1
5.1
mV
αVIO
Temperature coefficient
of input offset voltage
RS = 50 Ω
Full range
2.3
25
2.3
25
µV/°C
IIO
Input offset current
25
°C
5
100
5
100
pA
IIO
Input offset current
VIC = 0,
VO = 0,
Full range
1.4
1.4
nA
IIB
Input bias current
IC
,
O
,
See Figure 4
25
°C
15
175
15
175
pA
IIB
Input bias current
Full range
5
5
nA
5
5
5
5
25
°C
to
to
to
to
VICR
Common-mode input
RS =50 Ω
–1
– 1.9
– 1
– 1.9
V
VICR
voltage range
RS = 50 Ω
5
5
V
gg
Full range
to
to
g
– 0.9
– 0.9
IO = 200 µA
25
°C
3.8
4.1
3.8
4.1
IO = – 200 µA
Full range
3.7
3.7
VOM
Maximum positive peak
IO =2 mA
25
°C
3.5
3.9
3.5
3.9
V
VOM +
output voltage swing
IO = – 2 mA
Full range
3.4
3.4
V
IO =20 mA
25
°C
1.5
2.3
1.5
2.3
IO = – 20 mA
Full range
1.5
1.5
IO = 200 µA
25
°C
– 3.8
– 4.2
– 3.8
– 4.2
IO = 200 µA
Full range
– 3.7
– 3.7
VOM
Maximum negative peak
IO =2mA
25
°C
– 3.5
– 4.1
– 3.5
– 4.1
V
VOM –
g
output voltage swing
IO = 2 mA
Full range
– 3.4
– 3.4
V
IO =20mA
25
°C
– 1.5
– 2.4
– 1.5
– 2.4
IO = 20 mA
Full range
– 1.5
– 1.5
RL = 600 Ω
25
°C
80
91
80
91
RL = 600 Ω
Full range
79
79
AVD
Large-signal differential
VO = ± 23 V RL =2kΩ
25
°C
90
100
90
100
dB
AVD
gg
voltage amplification
VO = ± 2.3 V RL = 2 kΩ
Full range
89
89
dB
RL =10kΩ
25
°C
95
106
95
106
RL = 10 kΩ
Full range
94
94
ri
Input resistance
VIC = 0
25
°C
1012
1012
Ω
ci
Input
Common mode
VIC = 0
See Figure 5
25
°C
11
11
pF
ci
In ut
capacitance
Differential
VIC = 0,
See Figure 5
25
°C
2.5
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
25
°C
80
80
Ω
CMRR
Common mode rejection ratio
VIC = VICRmin,
25
°C
70
89
70
89
dB
CMRR
Common-mode rejection ratio
IC
ICR
,
VO = 0,
RS = 50 Ω
Full range
68
68
dB
kSVR
Supply-voltage rejection
VCC
± = ±5 V to ±15 V,
25
°C
82
99
82
99
dB
kSVR
yg
j
ratio(
∆VCC± /∆VIO)
CC
±
,
VO = 0,
RS = 50 Ω
Full range
80
80
dB
ICC
Supply current
VO = 0
No load
25
°C
2.7
2.9
3.9
2.7
2.9
3.9
mA
ICC
y
(both channels)
VO = 0,
No load
Full range
3.9
3.9
mA
† Full range is 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com