Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2081 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2081
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2081 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLE2081 Datasheet HTML 41Page - Texas Instruments TLE2081 Datasheet HTML 42Page - Texas Instruments TLE2081 Datasheet HTML 43Page - Texas Instruments TLE2081 Datasheet HTML 44Page - Texas Instruments TLE2081 Datasheet HTML 45Page - Texas Instruments TLE2081 Datasheet HTML 46Page - Texas Instruments TLE2081 Datasheet HTML 47Page - Texas Instruments TLE2081 Datasheet HTML 48Page - Texas Instruments TLE2081 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 16
10 4
10 3
10 2
10 0
10 1
10 6
INPUT BIAS CURRENT
vs
SUPPLY VOLTAGE
0
5
10
15
20
25
30
35
40
45
TA = 25°C
TA = – 55°C
10 5
VICmin
TA = 125°C
VICmax = VCC +
VCC – Total Supply Voltage (referred to VCC – ) – V
Figure 17
525
45
COMMON-MODE INPUT VOLTAGE RANGE
vs
FREE-AIR TEMPERATURE
65
85
105 125
RS = 50 Ω
VCC + + 0.5
VCC + – 0.5
VCC – + 3.5
VCC +
VCC – +3
VCC – + 2.5
VCC – +2
VICmin
VICmax
– 75 – 55 – 35 – 15
TA – Free-Air Temperature – °C
Figure 18
– 5 – 4
– 3
– 2 – 10
0
1
DIFFERENTIAL INPUT VOLTAGE
vs
OUTPUT VOLTAGE
25
RL = 2 kΩ
RL = 2 kΩ
RL = 10 kΩ
RL = 10 kΩ
VCC
± = ±5 V
VIC = 0
RS = 50 Ω
TA = 25°C
RL = 600 Ω
RL = 600 Ω
– 100
– 200
– 300
– 400
100
200
400
300
0
34
VO – Output Voltage – V
Figure 19
– 100
– 200
– 300
– 400
– 15
– 10
– 5
5
0
100
200
400
10
15
RL = 2 kΩ
VCC
± = ±15 V
RL = 10 kΩ
RL = 10 kΩ
RL = 2 kΩ
RL = 600 Ω
RL = 600 Ω
DIFFERENTIAL INPUT VOLTAGE
vs
OUTPUT VOLTAGE
300
0
VO – Output Voltage – V
VIC = 0
RS = 50 Ω
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com