Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS77C82 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 34Page - Texas Instruments TMS77C82 Datasheet HTML 35Page - Texas Instruments TMS77C82 Datasheet HTML 36Page - Texas Instruments TMS77C82 Datasheet HTML 37Page - Texas Instruments TMS77C82 Datasheet HTML 38Page - Texas Instruments TMS77C82 Datasheet HTML 39Page - Texas Instruments TMS77C82 Datasheet HTML 40Page - Texas Instruments TMS77C82 Datasheet HTML 41Page - Texas Instruments TMS77C82 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Low-level output voltage
IOL = 1.4 mA
0.4
V
VOH
High level output voltage
IOH = – 50 µA
0.9 VCC
V
VOH
High-level output voltage
IOH = – 2 mA
2.4
V
0 V
≤ VI ≤ 0.3 V
10
µA
MC
0.3 V < VI ≤ 13 V
650
µA
II
Input current
MC
See Note 4
12 V
≤ VI ≤ 13 V
50
mA
I / O pins
0 V
≤ VI ≤ VCC
± 10
µA
IOL
Low-level output current
VOL = 0.4 V
1.4
mA
IOH
High level output current
VOH = 0.9 VCC
– 50
µA
IOH
High-level output current
VOH = 2.4 V
– 2
mA
See Notes 5 and 6
SYSCLK = 5 MHz
20
36
Supply current (operating mode)
OSC POWER bit = 0 (see Note 7)
See Notes 5 and 6
SYSCLK = 3 MHz
13
25
mA
See Notes 5 and 6
SYSCLK = 0.5 MHz
5
11
See Notes 5 and 6
SYSCLK = 5 MHz
10
17
ICC
Supply current (STANDBY mode)
OSC POWER bit = 0 (see Note 8)
See Notes 5 and 6
SYSCLK = 3 MHz
6.5
11
mA
See Notes 5 and 6
SYSCLK = 0.5 MHz
2
3.5
Supply current (STANDBY mode)
See Notes 5 and 6
SYSCLK = 3 MHz
4.5
8.6
mA
y(
)
OSC POWER bit = 1 (see Note 9)
See Notes 5 and 6
SYSCLK = 0.5 MHz
1.5
3.0
mA
Supply current (HALT mode)
See Note 5
XTAL2 / CLKIN < 0.2 V
1
30
µA
NOTES:
4. Input current IPP is a maximum of 50 mA only when you are programming EPROM.
5. Single chip mode, ports configured as inputs or outputs with no load. All inputs
≤ 0.2 V or ≥ VCC – 0.2V.
6. XTAL2/CLKIN is driven with an external square wave signal with 50% duty cycle and rise and fall times less than 10 ns. Current
can be higher with a crystal oscillator. At 5 MHz SYSCLK, this extra current = 0.01 mA x (total load capacitance + crystal capacitance
in pF).
7. Maximum operating current = 5.6 (SYSCLK) + 8 mA.
8. Maximum standby current = 3 (SYSCLK) + 2 mA. (OSC POWER bit = 0).
9. Maximum standby current = 2.24 (SYSCLK) + 1.9 mA. (OSC POWER bit = 1, only valid up to 3 MHz SYSCLK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com