Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS77C82 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 3 Page - Texas Instruments

  TMS77C82 Datasheet HTML 1Page - Texas Instruments TMS77C82 Datasheet HTML 2Page - Texas Instruments TMS77C82 Datasheet HTML 3Page - Texas Instruments TMS77C82 Datasheet HTML 4Page - Texas Instruments TMS77C82 Datasheet HTML 5Page - Texas Instruments TMS77C82 Datasheet HTML 6Page - Texas Instruments TMS77C82 Datasheet HTML 7Page - Texas Instruments TMS77C82 Datasheet HTML 8Page - Texas Instruments TMS77C82 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram
Interrupts
T1IC/CR
T1EVT
T1PWM
V
System
Control
Clock Options:
Divide-By-4 or
Divide-By-1 (PLL)
RAM
128 or 256 Bytes
CPU
Port A
Port D
Timer 1
Watchdog
INT1
INT2
INT3
XTAL1
XTAL2/
CLKIN
MC
SPISOMI
SPISIMO
SPICLK
Serial
Peripheral
Interface
RESET
SS
VCC
Program Memory
ROM: 2K, 4K, or 8K Bytes
EPROM: 8K Bytes
Data EEPROM
0 or 256 Bytes
5
8
description
The TMS370C010, TMS370C012, TMS370C311, TMS370C310, TMS370C312, TMS370C712, and
SE370C712 devices are members of the TMS370 family of single-chip 8-bit microcontrollers. Unless otherwise
noted, the term TMS370Cx1x refers to these devices. The TMS370 family provides cost-effective real-time
system control through integration of advanced peripheral-function modules and various on-chip memory
configurations.
The TMS370Cx1x family of devices is implemented using high-performance silicon-gate CMOS EPROM and
EEPROM technologies. Low-operating power, wide-operating temperature range, and noise immunity of
CMOS technology coupled with the high performance and extensive on-chip peripheral functions make the
TMS370Cx1x devices attractive for system designs for automotive electronics, industrial motors, computer
peripheral controls, telecommunications, and consumer applications.
All TMS370Cx1x devices contain the following on-chip peripheral modules:
D Serial peripheral interface (SPI)
D One 24-bit general-purpose watchdog timer
D One 16-bit general-purpose timer with an 8-bit prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com