Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS77C82 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 42Page - Texas Instruments TMS77C82 Datasheet HTML 43Page - Texas Instruments TMS77C82 Datasheet HTML 44Page - Texas Instruments TMS77C82 Datasheet HTML 45Page - Texas Instruments TMS77C82 Datasheet HTML 46Page - Texas Instruments TMS77C82 Datasheet HTML 47Page - Texas Instruments TMS77C82 Datasheet HTML 48Page - Texas Instruments TMS77C82 Datasheet HTML 49Page - Texas Instruments TMS77C82 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
JD (R-CDIP-T**)
CERAMIC SIDE-BRAZE DUAL-IN-LINE PACKAGE
4040087 / B 04/95
24 PIN SHOWN
2.650
(67,31)
52
PINS **
2.050
(52,07)
(36,83)
1.450
0.590 (14,99)
0.620 (15,75)
1.250
DIM
A MAX
(31,75)
24
28
40
(61,85)
2.435
48
0.012 (0,30)
0.008 (0,20)
0.020 (0,51) MIN
Seating Plane
13
12
A
4 Places
0.075 (1,91) MAX
0.045 (1,14)
0.065 (1,65)
24
1
0.021 (0,53)
0.015 (0,38)
0.125 (3,18) MIN
0.175 (4,45)
0.140 (3,56)
TYP
0.590 (15,00)
0
°–15°
0.100 (2,54)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a metal lid.
D. The terminals are gold plated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com