Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS77C82 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 35Page - Texas Instruments TMS77C82 Datasheet HTML 36Page - Texas Instruments TMS77C82 Datasheet HTML 37Page - Texas Instruments TMS77C82 Datasheet HTML 38Page - Texas Instruments TMS77C82 Datasheet HTML 39Page - Texas Instruments TMS77C82 Datasheet HTML 40Page - Texas Instruments TMS77C82 Datasheet HTML 41Page - Texas Instruments TMS77C82 Datasheet HTML 42Page - Texas Instruments TMS77C82 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
External
Clock Signal
XTAL1
XTAL2/CLKIN
C2
(see Note B)
C1
(see Note B)
Crystal/Ceramic
Resonator
(see Note A)
XTAL1
XTAL2/CLKIN
C3
(see Note B)
NOTES: A. The crystal/ceramic resonator frequency is four times the reciprocal of the system clock period.
B. The values of C1 and C2 are typically 15 pF and the value of C3 is typically 50 pF. See the manufacturer’s recommendations for
ceramic resonators.
Figure 14.
Recommended Crystal/Clock Connections
1.2 k
Ω
20 pF
VO
Load Voltage
Case 1: VO = VOH = 2.4 V; Load Voltage = 0 V
Case 2: VO = VOL = 0.4 V; Load Voltage = 2.1 V
NOTE A: All measurements are made with the pin loading as shown unless otherwise noted. All measurements are made with XTAL2/CLKIN
driven by an external square wave signal with a 50% duty cycle and rise and fall times less than 10 ns unless otherwise stated.
Figure 15. Typical Output Load Circuit (See Note A)
VCC
GND
300
Ω
20
Ω
I/O
Pin Data
Output
Enable
VCC
GND
INT1
6 k
Ω
20
Ω
30
Ω
Figure 16. Typical Buffer Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com