Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1400PT Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETEL1400PT
Description  EtherLoopE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETEL1400PT Datasheet(HTML) 4 Page - Texas Instruments

  TNETEL1400PT Datasheet HTML 1Page - Texas Instruments TNETEL1400PT Datasheet HTML 2Page - Texas Instruments TNETEL1400PT Datasheet HTML 3Page - Texas Instruments TNETEL1400PT Datasheet HTML 4Page - Texas Instruments TNETEL1400PT Datasheet HTML 5Page - Texas Instruments TNETEL1400PT Datasheet HTML 6Page - Texas Instruments TNETEL1400PT Datasheet HTML 7Page - Texas Instruments TNETEL1400PT Datasheet HTML 8Page - Texas Instruments TNETEL1400PT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TNETEL1400
EtherLoop
™ TRANSCEIVER
SPHS004A – FEBRUARY 1999 – REVISED MARCH 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION†
0.22
µF
Bias
RXGAIN
5 V
TXGAIN
4.99 k
Ω
4.99 k
Ω
100 nF
5
Ω
5
Ω
13
Ω
1%
0.1
µF
2.2
µF
2.2
µF
0.22
µF
TX_IN
RX_MODE
RX_OUT
TX_EN
IP_INT
OP_INT
IN_INT
ON_INT
TXINN
TXINP
3
4
10 K
0.1
µF
0.22
µF
100 nF
100 nF
Figure 4.
EtherLoop Front-End Application (CE)
† All bias resistors should be 1% tolerance. The resistors on REMP, REMN, and REMREF also should be 1% and placed as close as possible
to their respective pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com