Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1400PT Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETEL1400PT
Description  EtherLoopE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETEL1400PT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETEL1400PT Datasheet HTML 5Page - Texas Instruments TNETEL1400PT Datasheet HTML 6Page - Texas Instruments TNETEL1400PT Datasheet HTML 7Page - Texas Instruments TNETEL1400PT Datasheet HTML 8Page - Texas Instruments TNETEL1400PT Datasheet HTML 9Page - Texas Instruments TNETEL1400PT Datasheet HTML 10Page - Texas Instruments TNETEL1400PT Datasheet HTML 11Page - Texas Instruments TNETEL1400PT Datasheet HTML 12Page - Texas Instruments TNETEL1400PT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TNETEL1400
EtherLoop
™ TRANSCEIVER
SPHS004A – FEBRUARY 1999 – REVISED MARCH 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmitter (see Figure 5) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Irms(TXOP)–
Irms(TXON)
TX output
current balance
VCC = 5 V, RL = 110 Ω,
RX_TERM = 0, TX_EN = 1,
V(TXINP) = 1.2 VPP sinusoid at f = 500 kHz
(see Note 1)
TXGAIN = 0000,
RXGAIN = 0XX
–5
5
mA
TX output stability
Source impedance
≤ 50 Ω,
Supply impedance
≤ 10 Ω,
Zloads: voltage standing-wave ratio (VSWR) 4:1
and open circuit
TXGAIN = 0000,
RXGAIN = 0XX
TX supply current
VOUT = 0,
TXGAIN = 0000
35
45
mA
TX supply current
VOUT = MAX,
TXGAIN = 0000
120
mA
TX output return loss
TXGAIN = 0000, RXGAIN = 0XX
18
dB
TX power-up time
TXGAIN = 0000, RXGAIN = 0XX (see Note 2)
100
µs
† All typical values are at VCC = 5 V, TA = 25°C (unless otherwise noted).
NOTES:
1. While the RX circuit is disabled during transmission, it is still connected and, therefore, must withstand the signal levels placed at
its input terminals.
2. The power-up/power-down time is the time it takes for the signal path to completely settle and meet all the transmission specifications
after TXGAIN and RXGAIN are set to power-up condition or switched from one gain setting to another. This time consists of slewing
and exponential settling of bias and AC coupling capacitors and, therefore, the values of these components must be as shown in
the application diagram, Figure 4.
receiver (see Figures 6 and 7)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
RL =2kΩ CL =20 pF 30kHz<f<275 MHz
RXGAIN = 11
691
RX idle channel noise
RL = 2 kΩ, CL = 20 F, 30 kHz < f < 2.75 MHz,
RX_TERM = 1, TX_EN = 0,
RXGAIN = 10
478
µV
RX idle channel noise
_
,
_
,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
(N t 3)
RXGAIN = 01
266
µ
RMS
(see Note 3)
RXGAIN = 00
160
RXGAIN = 11
24
30
31
RX gain accuracy
VCC = 5 V, RL = 2 kΩ, CL = 20 pF,
30 kHz<f<2 75 MHz RX TERM
1 TX EN
0
RXGAIN = 10
23
24
25
dB
RX gain accuracy
30 kHz < f < 2.75 MHz, RX_TERM = 1, TX_EN = 0,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
RXGAIN = 01
11
12
13
dB
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
RXGAIN = 00
–1
0
1
RX gain over frequency
(WRT gain at 500 kHz)
RL = 2 kΩ, CL = 20 pF, 30 kHz < f < 2.75 MHz,
30 kHz < f < 2.5 MHz monotically decreasing
for f > 3 MHz, TX_EN = 0,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
RX_TERM = 1,
RXGAIN = 111
–1
1
dB
RX power-supply
rejection
(WRT VCC only)
RL = 2 kΩ, CL = 20 pF, dc < f < 3 MHz, TX_EN = 0,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
RX_TERM = 1,
RXGAIN = 111
0.03
V/V
RX common-mode
rejection
RL = 2 kΩ, CL = 20 pF, TX_EN = 0, V(RXIN) = 1.5 VPP,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
RX_TERM = 1,
RXGAIN = 111
30
dB
RX IIP3 intercept
RL = 2 kΩ, CL = 20 pF, TX_EN = 0,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
(see Note 4)
RX_TERM = 1,
RXGAIN = 111
17
dBm
† All typical values are at VCC = 5 V, TA = 25°C (unless otherwise noted).
NOTES:
3. Idle channel noise is the noise (Vrms) measured at RXOUT with no signal at RXIN. This voltage is integrated over the 30-KHz to
2.75-MHz band. This specification is in place of the original noise-figure specification, and is correlated to NF with laboratory
measurements.
4. The two tones used for this test are at 1.39 MHz and 1.58 MHz, and the in-band IIP3 products are at 1.2 MHz and 1.77 MHz. The
IIP3 intercept point is the output power level, where the power of the harmonics equals that of the signal frequencies. This point is
an intersection of two straight lines extrapolated from two low-power measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com