Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1400PT Datasheet(PDF) 10 Page - Texas Instruments

Part # TNETEL1400PT
Description  EtherLoopE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETEL1400PT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TNETEL1400PT Datasheet HTML 6Page - Texas Instruments TNETEL1400PT Datasheet HTML 7Page - Texas Instruments TNETEL1400PT Datasheet HTML 8Page - Texas Instruments TNETEL1400PT Datasheet HTML 9Page - Texas Instruments TNETEL1400PT Datasheet HTML 10Page - Texas Instruments TNETEL1400PT Datasheet HTML 11Page - Texas Instruments TNETEL1400PT Datasheet HTML 12Page - Texas Instruments TNETEL1400PT Datasheet HTML 13Page - Texas Instruments TNETEL1400PT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TNETEL1400
EtherLoop
™ TRANSCEIVER
SPHS004A – FEBRUARY 1999 – REVISED MARCH 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receiver (see Figures 6 and 7) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
RX output total
harmonic distortion
RL = 2 kΩ, CL = 20 pF, TX_EN = 0, V(RXOUT) = 2 VPP,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
RX_TERM = 1,
RXGAIN = 111
–40
dBc
RX ZIN
RL = 2 kΩ, CL = 20 pF, RXGAIN = 111, TX_EN = 0,
RX_TERM = 1
77
110
143
Ω
RX ZIN
L
,
L
,,
_
,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
RX_TERM = 0
10
k
Ω
RX maximum
supply current
RL = 2 kΩ, CL = 20 pF, TX_EN = 0, V(RXOUT) = 4 VPP,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
RX_TERM = 1,
RXGAIN = 111
20
mA
RX power-up time
RL = 2 kΩ, CL = 20 pF, TX_EN = 0,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
(see Note 2)
RX_TERM = 1,
RXGAIN = 111
30
µs
Power-down
supply current
RL = 2 kΩ, CL = 20 pF, RX_TERM = 1, TX_EN = 0,
V(RXIP – RXIN) = 0.04 VPP sinusoid at f = 500 kHz
(see Note 2)
TXGAIN = 1111,
RXGAIN = 000
3
mA
† All typical values are at VCC = 5 V, TA = 25°C (unless otherwise noted).
NOTE 2. The power-up/power-down time is the time it takes for the signal path to completely settle and meet all the transmission specifications
after TXGAIN and RXGAIN are set to power-up condition or switched from one gain setting to another. This time consists of slewing
and exponential settling of bias and AC coupling capacitors and, therefore, the values of these components must be as shown in the
application diagram, Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com