Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1400PT Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETEL1400PT
Description  EtherLoopE TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETEL1400PT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETEL1400PT Datasheet HTML 4Page - Texas Instruments TNETEL1400PT Datasheet HTML 5Page - Texas Instruments TNETEL1400PT Datasheet HTML 6Page - Texas Instruments TNETEL1400PT Datasheet HTML 7Page - Texas Instruments TNETEL1400PT Datasheet HTML 8Page - Texas Instruments TNETEL1400PT Datasheet HTML 9Page - Texas Instruments TNETEL1400PT Datasheet HTML 10Page - Texas Instruments TNETEL1400PT Datasheet HTML 11Page - Texas Instruments TNETEL1400PT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TNETEL1400
EtherLoop
™ TRANSCEIVER
SPHS004A – FEBRUARY 1999 – REVISED MARCH 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ICC
Supply current
Normal operation
25
50
µA
ICC
Supply current
Power-down mode
1.5
3
µA
VREF
4-V reference voltage
3.88
4
4.12
V
VANG
2.5-V reference voltage
2.38
2.5
2.62
V
IREFP
4-V reference current
Source
1
mA
IANG
2.5-V reference current
Source/sink
100
mA
† All typical values are at VCC = 5 V, TA = 25°C (unless otherwise noted).
transmitter (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TX maximum output level
VCC = 5 V, RL = 110 Ω,
RX_TERM = 0, TX_EN = 1,
V(TXINP) = 1.2 VPP sinusoid at f = 500 kHz
(see Note 1)
TXGAIN = 0000,
RXGAIN = 0XX
21
22
23
dBm
TXGAIN = 0001
–3.3
–3
–2.7
TXGAIN = 0010
–6.3
–6
–5.7
TXGAIN = 0011
–9.3
–9
–8.7
TX attentuator accuracy
VCC = 5 V, RL = 110 Ω,
TXGAIN = 0100
–12.3
–12
–11.7
TX attentuator accuracy
(relative to maximum output)
RX_TERM = 0, TX_EN = 1, RXGAIN = 0XX,
V(TXINP) =1 2VPP sinusoid at f = 500 kHz
TXGAIN = 0101
–15.3
–15
–14.7
dB
()
TX attentuator accuracy
( l ti
t
i
t
t)
V(TXINP) = 1.2 VPP sinusoid at f = 500 kHz
[output is measured at IN_INT and IP_INT
TXGAIN = 0110
–18.3
–18
–17.7
dB
(relative to maximum output)
[out ut is measured at IN_INT and IP_INT
(ac coupled)]
TXGAIN = 0111
–21.3
–21
–20.7
TXGAIN = 1000
–24.3
–24
–23.7
TXGAIN = 1001
–27.3
–27
–26.7
TXGAIN = 1010
–30.3
–30
–29.7
TX output level variation
over frequency
30 kHz < f < 2.5 MHz
monotonically decreasing for f > 3 MHz,
RL = 110 Ω, RX_TERM = 0, TX_EN = 1,
V(TXINP) = 1.2 VPP sinusoid at f = 500 kHz
with transformer connected as in Figure 1
(see Note 1)
TXGAIN = 0000,
RXGAIN = 0XX
1
dB
TX output
distortion
Odd harmonics
VCC = 5 V, RL = 110 Ω,
RX_TERM = 0, TX_EN = 1,
TXGAIN = 0000,
–35
dBc
(all gain
settings)
Even harmonics
_
,
_
,
V(TXINP) = 1.2 VPP sinusoid at f = 500 kHz
(see Note 1)
,
RXGAIN = 0XX
–50
dBc
TX output
signal-to-noise ratio (SNR)
(all gain settings)
VCC = 5 V, RL = 110 Ω,
RX_TERM = 0, TX_EN = 1,
V(TXINP) = 1.2 VPP sinusoid at f = 500 kHz
(see Note 1)
TXGAIN = 0000,
RXGAIN = 0XX
50
dB
TX maximum
output-level variation with VCC
VCC = 5 V ± 0.25 V, RL = 110 Ω,
RX_TERM = 0, TX_EN = 1,
V(TXINP) = 1.2 VPP sinusoid at f = 500 kHz
(see Note 1)
TXGAIN = 0000,
RXGAIN = 0XX
1
dB/V
Zin(TXIN)
TX
input impedance
TXGAIN = 0000, RXGAIN = 0XX (see Note 1)
1400
TYP+
30%
Ω
TX input impedance variation
as percent of Zin(TXIN)
TXGAIN = 0000, RXGAIN = 0XX
–30%
30%
† All typical values are at VCC = 5 V, TA = 25°C (unless otherwise noted).
NOTE 1: While the RX circuit is disabled during transmission, it is still connected and, therefore, must withstand the signal levels placed at its
input terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com