Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P4201A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P4201A
Description  Multi-Output Custom Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P4201A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P4201A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
July 2006
ASM3P4201A
rev 0.2
Multi-Output Custom Clock Generator
3 of 7
Notice: The information in this document is subject to change without notice.
Output Frequency Selection Table
Selection
Bits
S2
S1
S0
CLK1
(MHz)
CLK2
(MHz)
CLK3*
(MHz)
CLK4*
(MHz)
CLK5
(MHz)
CLK6
(MHz)
0
0
0
39.5
20
65
20
84
36.6
0
0
1
39.5
20
60
20
84
36.6
0
1
0
39.5
20
50
20
36
36.6
0
1
1
39.5
20
75
20
84
36.6
* CLK3 and CLK4 are Spread Spectrum Clocks
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Power Supply Voltage relative to Ground
-0.5 to +4.6
VIN
Input Voltage relative to Ground (Input Pins)
-0.5 to VDD+0.3
V
TSTG
Storage temperature
-65 to +150
°C
TA
Operating temperature
-20 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
125
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+ 25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
IXOL
XOUT output low current (VXOL@0.4V, VDD=3.3V)
-
3
-
mA
IXOH
XOUT output high current (VXOH @2.5V, VDD=3.3V)
-
3
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL =12mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH =12mA)
2.5
-
-
V
IDD
Static supply current*
-
TBD
-
mA
ICC
Dynamic supply current ( VDD =3.3V )
-
TBD
-
mA
VDD
Operating Voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)**
-
-
5
mS
ZOUT
Output impedance
-
17
-
* XIN and STBY Pins are pulled low
** VDD and XIN input are stable,



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com