Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P4201A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P4201A
Description  Multi-Output Custom Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P4201A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P4201A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
July 2006
ASM3P4201A
rev 0.2
Multi-Output Custom Clock Generator
4 of 7
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
-
20
-
MHz
Output Frequency =20MHz (Pin 13)
Output Frequency = 50MHz
Output Frequency = 60MHz
Output Frequency = 65MHz
fd
Spread Percentage
Output Frequency = 75MHz
-
±1.5
-
%
tLH*
Output rise time (Measured from 0.8V to 2.0V)
-
-
1
nS
tHL *
Output fall time ( Measured from 2.0V to 0.8V)
-
-
1
nS
tJC
Jitter (Cycle to cycle)
-
±250
-
pS
tp
Jitter( Period)
-
±150
-
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 30pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com