Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P4201A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P4201A
Description  Multi-Output Custom Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P4201A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P4201A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
July 2006
ASM3P4201A
rev 0.2
Multi-Output Custom Clock Generator
2 of 7
Notice: The information in this document is subject to change without notice.
11
12
14
15
16
17
18
13
8
7
5
4
3
2
1
6
10
9
19
20
Pin Assignment
Pin Description
Pin #
Pin Name
Pin Type
Pin Description
1
XIN
Input
Crystal connection or external reference frequency input. It can be connected to
a 20MHz Fundamental mode crystal or to an external reference clock.
2
S0
Input
Select Bit for Desired Output Frequency at different output pins. Refer to the
Output Frequency Selection Table for details. Has an internal pull down resistor
3
S1
Input
Select Bit for Desired Output Frequency at different output pins. Refer to the
Output Frequency Selection Table for details. Has an internal pull down resistor
4
CLK6
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
5
VDD
Power
Connect to +3.3V.
6
GND
Power
Connect to ground.
7
CLK1
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
8
NC
-
No connect
9
CLK2
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
10
GND
Power
Connect to ground.
11
NC
-
No connect
12
CLK5
Output
Clock Output. Refer to the Output Frequency Selection Table for details.
13
CLK4
Output
Spread Spectrum Clock Output. Refer to the Output Frequency Selection Table
for details.
14
CLK3
Output
Spread Spectrum Clock Output. Refer to the Output Frequency Selection Table
for details.
15
GND
Power
Connect to ground.
16
VDD
Power
Connect to +3.3V.
17
S2
Input
Select Bit for Desired Output Frequency at different output pins. Refer to the
Output Frequency Selection Table for details. Has an internal pull down resistor
18
STBY
Input
When this pin is made is HIGH, all the output clocks are enabled.
19
VDD
Power
Connect to +3.3V.
20
XOUT
Output
Crystal connection. If an external reference clock is used, this pin must be left
unconnected.
STBY
S2
GND
CLK3
CLK4
CLK5
NC
NC
CLK1
GND
VDD
CLK6
XIN
20 pin TSSOP
ASM3P4201A
VDD
S0
S1
GND
CLK2
XOUT
VDD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com