Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P4201A Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM3P4201A
Description  Multi-Output Custom Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P4201A Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM3P4201A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P4201A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
July 2006
ASM3P4201A
rev 0.2
Multi-Output Custom Clock Generator
5 of 7
Notice: The information in this document is subject to change without notice.
Package Information
20-lead Thin Shrunk Small Outline Package (4.40-MM Body) – JEDEC Standard
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
….
0.043
…
1.2
A1
0.0020
0.0059
0.05
0.15
A2
0.031
0.041
0.80
1.05
D
0.252
0.26
6.40
6.60
L
0.020
0.030
0.50
0.75
E
0.252 BSC
6.40 BSC
E1
0.169
0.177
4.30
4.50
R1
0.004
….
0.09
…..
b
0.007
0.012
0.19
0.30
c
0.004
0.008
0.09
0.20
L1
0.039 REF
1.0 REF
e
0.026 BSC
0.65 BSC
a
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com