Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860ACBZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP8860ACBZ-R7
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860ACBZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP8860ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP8860ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ADP8860
Rev. 0 | Page 3 of 52
SPECIFICATIONS
VIN = 3.6 V, SCL = 2.7 V, SDA = 2.7 V, nINT = open, nRST = 2.7 V, CMP_IN = 0 V, VD1:D7 = 0.4 V, C1 = 1 μF, C2 = 1 μF, COUT = 1 μF,
typical values are at TA = 25°C and are not guaranteed, minimum and maximum limits are guaranteed from TA = −40°C to +85°C, unless
otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Input Voltage
Operating Range
VIN
2.5
5.5
V
Startup Level
VIN(START)
VIN increasing
2.05
2.30
V
Low Level
VIN(STOP)
VIN decreasing
1.75
1.97
V
VIN(START) Hysteresis
VIN(HYS)
After startup
80
mV
UVLO Noise Filter
tUVLO
10
μs
Quiescent Current
IQ
Prior to VIN(START)
IQ(START)
VIN = VIN(START) − 100 mV
10
μA
During Standby
IQ(STBY)
VIN = 3.6 V, Bit nSTBY = 0, SCL = SDA = 0 V
0.3
1.0
μA
After Startup and Switching
IQ(ACTIVE)
VIN = 3.6 V, Bit nSTBY = 1, IOUT = 0 mA,
gain = 2×
4.5
7.2
mA
OSCILLATOR
Switching Frequency
fSW
0.8
1
1.32
MHz
Duty Cycle
D
50
%
OUPUT CURRENT CONTROL
Maximum Drive Current
ID1:D7(MAX)
VD1:D7 = 0.4 V
D1 to D7
Bit SCR = 0 in the ISC7 register
TJ = 25°C
26.2
30
34.1
mA
TJ = −40°C to +85°C
24.4
34.1
mA
D7 Only (60 mA Setting)
ID7(60 mA)
VD7 = 0.4 V, Bit SCR = 1 in the ISC7 register
TJ = 25°C
52.5
60
67
mA
TJ = −40°C to +85°C
48.8
67
mA
LED Current Source Matching1
IMATCH
All Current Sinks
IMATCH7
VD1:D7 = 0.4 V
2.0
%
D2 to D7 Current Sinks
IMATCH6
VD2:D7 = 0.4 V
1.5
%
Leakage Current on LED Pins
ID1:D7(LKG)
VIN = 5.5 V, VD1:D7 = 2.5 V, Bit nSTBY = 1
0.5
μA
Equivalent Output Resistance
ROUT
Gain = 1×
VIN = 3.6 V, IOUT = 100 mA
0.5
Ω
Gain = 1.5×
VIN = 3.1 V, IOUT = 100 mA
3.0
Ω
Gain = 2×
VIN = 2.5 V, IOUT = 100 mA
3.8
Ω
Regulated Output Voltage
VOUT(REG)
VIN = 3 V, gain = 2×, IOUT = 10 mA
4.3
4.9
5.5
V
AUTOMATIC GAIN SELECTION
Minimum Voltage
Gain Increases
VHR(UP)
Decrease VD1:D7 until the gain switches up
162
200
276
mV
Minimum Current Sink Headroom
Voltage
VHR(MIN)
IDX = IDX(MAX) × 95%
180
mV
Gain Delay
tGAIN
The delay after gain has changed and
before gain is allowed to change again
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com